Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP133AMXADJTCG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP133AMXADJTCG
Description  500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP133AMXADJTCG Datasheet(HTML) 8 Page - ON Semiconductor

  NCP133AMXADJTCG Datasheet HTML 1Page - ON Semiconductor NCP133AMXADJTCG Datasheet HTML 2Page - ON Semiconductor NCP133AMXADJTCG Datasheet HTML 3Page - ON Semiconductor NCP133AMXADJTCG Datasheet HTML 4Page - ON Semiconductor NCP133AMXADJTCG Datasheet HTML 5Page - ON Semiconductor NCP133AMXADJTCG Datasheet HTML 6Page - ON Semiconductor NCP133AMXADJTCG Datasheet HTML 7Page - ON Semiconductor NCP133AMXADJTCG Datasheet HTML 8Page - ON Semiconductor NCP133AMXADJTCG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NCP133
www.onsemi.com
8
Enable Operation
The enable pin will turn the regulator on or off. The
threshold limits are covered in the electrical characteristics
table in this data sheet. If the enable function is not to be used
then the pin should be connected to VIN or VBIAS.
Current Limitation
The internal Current Limitation circuitry allows the
device to supply the full nominal current and surges but
protects the device against Current Overload or Short.
Thermal Protection
Internal thermal shutdown (TSD) circuitry is provided to
protect the integrated circuit in the event that the maximum
junction temperature is exceeded. When TSD activated , the
regulator output turns off. When cooling down under the low
temperature threshold, device output is activated again. This
TSD feature is provided to prevent failures from accidental
overheating.
Activation of the thermal protection circuit indicates
excessive power dissipation or inadequate heatsinking. For
reliable operation, junction temperature should be limited to
+125
°C maximum.
Table 1. RESISTOR VALUES FOR PROGRAMMING THE OUTPUT VOLTAGE
VOUT (V)
R1 (kW)
R2 (kW)
0.8
Short
Open
0.9
10.0
80.6
1.0
19.6
78.7
1.05
24.3
78.7
1.1
24.9
66.5
1.2
33.2
66.5
1.5
43.2
49.9
1.8
41.2
33.2
2.5
42.2
20.0
3.3
61.9
20.0
NOTE:
VOUT = 0.8 x (1 + R1/R2)
Resistors in the table are standard 1% types
ORDERING INFORMATION
Device
Nominal
Output
Voltage
Marking
Marking
Rotation
Option
Package
Shipping
NCP133AMX090TCG
0.9
0 V
D
90
°
Output Active
Discharge
XDFN6
(Pb−Free)
3000 / Tape & Reel
NCP133AMX100TCG
1.00 V
3
0
°
NCP133AMX105TCG
1.05 V
4
0
°
NCP133AMX110TCG
1.10 V
5
0
°
NCP133AMX115TCG
1.15 V
T
90
°
NCP133AMX120TCG
1.20 V
6
0
°
NCP133AMX125TCG
1.25 V
E
90
°
NCP133AMX130TCG
1.30 V
F
90
°
NCP133AMX150TCG
1.50 V
J
90
°
NCP133AMX180TCG
1.80 V
Q
90
°
NCP133AMXADJTCG
ADJ
K
90
°
NCP133BMXADJTCG
ADJ
P
90
°
Non−Active Discharge
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Spe-
cifications Brochure, BRD8011/D.
To order other package and voltage variants, please contact your ON Semiconductor sales representative


Similar Part No. - NCP133AMXADJTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1336 ONSEMI-NCP1336 Datasheet
1,004Kb / 26P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
July, 2012 ??Rev. 0
NCP1336A ONSEMI-NCP1336A Datasheet
1,004Kb / 26P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
July, 2012 ??Rev. 0
NCP1336A ONSEMI-NCP1336A Datasheet
1,022Kb / 27P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
March, 2017 - Rev. 4
NCP1336ADR2G ONSEMI-NCP1336ADR2G Datasheet
1,004Kb / 26P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
July, 2012 ??Rev. 0
NCP1336ADR2G ONSEMI-NCP1336ADR2G Datasheet
936Kb / 26P
   Quasi-Resonant Current Mode Controller
April, 2014 ??Rev. 2
More results

Similar Description - NCP133AMXADJTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP134 ONSEMI-NCP134 Datasheet
163Kb / 9P
   500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 0
NCV8135 ONSEMI-NCV8135 Datasheet
772Kb / 9P
   500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2019 ??Rev. 1
NCP135 ONSEMI-NCP135 Datasheet
769Kb / 9P
   500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2017 ??Rev. 0
NCP137 ONSEMI-NCP137 Datasheet
181Kb / 9P
   700 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
September, 2018 ??Rev. 5
NCV8720 ONSEMI-NCV8720 Datasheet
349Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCP720 ONSEMI-NCP720_16 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com