Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4IBC20UDPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRG4IBC20UDPBF
Description  2.5kV, 60s insulation voltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4IBC20UDPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRG4IBC20UDPBF_15 Datasheet HTML 2Page - International Rectifier IRG4IBC20UDPBF_15 Datasheet HTML 3Page - International Rectifier IRG4IBC20UDPBF_15 Datasheet HTML 4Page - International Rectifier IRG4IBC20UDPBF_15 Datasheet HTML 5Page - International Rectifier IRG4IBC20UDPBF_15 Datasheet HTML 6Page - International Rectifier IRG4IBC20UDPBF_15 Datasheet HTML 7Page - International Rectifier IRG4IBC20UDPBF_15 Datasheet HTML 8Page - International Rectifier IRG4IBC20UDPBF_15 Datasheet HTML 9Page - International Rectifier IRG4IBC20UDPBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRG4IBC20UDPbF
www.irf.com
7
Fig. 14 - Typical Reverse Recovery vs. dif/dt
Fig. 15 - Typical Recovery Current vs. dif/dt
Fig. 16 - Typical Stored Charge vs. dif/dt
Fig. 17 - Typical di(rec)M/dt vs. dif/dt
0
100
200
300
400
500
100
1000
f
di /dt - (A/µs)
I = 16A
I = 8.0A
I = 4.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
100
1000
10000
100
1000
f
di /dt - (A/µs)
I = 16A
I = 8.0A
I = 4.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
1
10
100
100
1000
f
di /dt - (A/µs)
I = 16A
I = 8.0A
I = 4.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
0
20
40
60
80
100
100
1000
f
di /dt - (A/µs)
I = 16A
I = 8.0A
I = 4.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J


Similar Part No. - IRG4IBC20UDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4IBC20UDPBF IRF-IRG4IBC20UDPBF Datasheet
313Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4IBC20UDPBF_15

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPG-60 MPD-MPG-60 Datasheet
342Kb / 2P
   MPG-60S Series
MPO-60S MPD-MPO-60S Datasheet
343Kb / 2P
   MPO-60S Series
logo
Semtech Corporation
S15F SEMTECH-S15F Datasheet
121Kb / 3P
   RECTIFIER, up to 2.5kV, 500mA, 300ns
logo
Toppower Electronic Tec...
TP15DU TOPPOWER-TP15DU Datasheet
529Kb / 3P
   15W 2.5KV isolated 100-1000VDC super wide input voltage DC/DC converters
logo
Wurth Elektronik GmbH &...
744839010400 WURTH-744839010400 Datasheet
457Kb / 5P
   Insulation Test Voltage
744837002460 WURTH-744837002460 Datasheet
453Kb / 5P
   Insulation Test Voltage
744839208072 WURTH-744839208072 Datasheet
474Kb / 5P
   Insulation Test Voltage
744835150072 WURTH-744835150072 Datasheet
472Kb / 5P
   Insulation Test Voltage
744838180160 WURTH-744838180160 Datasheet
449Kb / 5P
   Insulation Test Voltage
744835090095 WURTH-744835090095 Datasheet
464Kb / 5P
   Insulation Test Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com