Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4IBC30SPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRG4IBC30SPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4IBC30SPBF Datasheet(HTML) 2 Page - International Rectifier

  IRG4IBC30SPBF_15 Datasheet HTML 1Page - International Rectifier IRG4IBC30SPBF_15 Datasheet HTML 2Page - International Rectifier IRG4IBC30SPBF_15 Datasheet HTML 3Page - International Rectifier IRG4IBC30SPBF_15 Datasheet HTML 4Page - International Rectifier IRG4IBC30SPBF_15 Datasheet HTML 5Page - International Rectifier IRG4IBC30SPBF_15 Datasheet HTML 6Page - International Rectifier IRG4IBC30SPBF_15 Datasheet HTML 7Page - International Rectifier IRG4IBC30SPBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRG4IBC30SPbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
50
75
IC = 18A
Qge
Gate - Emitter Charge (turn-on)
7.3
11
nC
VCC = 400V
See Fig.8
Qgc
Gate - Collector Charge (turn-on)
17
26
VGE = 15V
td(on)
Turn-On Delay Time
22
tr
Rise Time
18
TJ = 25°C
td(off)
Turn-Off Delay Time
540
810
IC = 18A, VCC = 480V
tf
Fall Time
390
590
VGE = 15V, RG = 23
Eon
Turn-On Switching Loss
0.26
Energy losses include "tail"
Eoff
Turn-Off Switching Loss
3.45
mJ
See Fig. 9, 10, 14
Ets
Total Switching Loss
3.71
5.6
td(on)
Turn-On Delay Time
21
TJ = 150°C,
tr
Rise Time
19
IC = 18A, VCC = 480V
td(off)
Turn-Off Delay Time
790
VGE = 15V, RG = 23
tf
Fall Time
760
Energy losses include "tail"
Ets
Total Switching Loss
6.55
mJ
See Fig. 10, 11, 14
LE
Internal Emitter Inductance
7.5
nH
Measured 5mm from package
Cies
Input Capacitance
1100
VGE = 0V
Coes
Output Capacitance
72
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
19
ƒ = 1.0MHz
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
V
VGE = 0V, IC = 250µA
V(BR)ECS
Emitter-to-Collector Breakdown Voltage
„
18
V
VGE = 0V, IC = 1.0A
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage
0.75
V/°C VGE = 0V, IC = 1.0mA
1.40
1.6
IC = 18A
VGE = 15V
VCE(ON)
Collector-to-Emitter Saturation Voltage
1.84
IC = 34A
See Fig.2, 5
1.45
IC = 18A , TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
6.0
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage
-11
mV/°C VCE = VGE, IC = 250µA
gfe
Forward Transconductance
…
6.0
11
S
VCE = 100 V, IC = 18A
250
VGE = 0V, VCE = 600V
2.0
VGE = 0V, VCE = 10V, TJ = 25°C
1000
VGE = 0V, VCE = 600V, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±20V
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
ICES
Zero Gate Voltage Collector Current
V
µA
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
ns
ns
„ Pulse width ≤ 80µs; duty factor ≤ 0.1%.
… Pulse width 5.0µs, single shot.
Notes:
 Repetitive rating; VGE = 20V, pulse width limited by
max. junction temperature. (See Fig. 13b)
‚ VCC = 80%(VCES), VGE = 20V, L = 10µH, RG = 23Ω,
(See Fig. 13a)
ƒ Repetitive rating; pulse width limited by maximum
junction temperature.


Similar Part No. - IRG4IBC30SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4IBC30SPBF IRF-IRG4IBC30SPBF Datasheet
197Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4IBC30SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com