Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMBR30100CT Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # TMBR30100CT
Description  Guard ring for overvoltage protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

TMBR30100CT Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  TMBR30100CT Datasheet HTML 1Page - Bruckewell Technology LTD TMBR30100CT Datasheet HTML 2Page - Bruckewell Technology LTD TMBR30100CT Datasheet HTML 3Page - Bruckewell Technology LTD TMBR30100CT Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TMBR30100CT
Dual Common-Cathode
Ultra Low VF Schottky Rectifier
Publication Order Number: [TMBR30100CT]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Guard ring for overvoltage protection
• Lower power losses, high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• High frequency operation
• Solder Dip 260 °C, 40 s
• RoHS compliant package
Applications
For use in high frequency rectifier of switching mode
power supplies, freewheeling diodes, dc-to-dc converters
or polarity protection application.
Mechanical Data
• Case: TO-220AB
• Molding compound meets UL 94 V-0 flammability
• Terminals: Matte tin plated leads,
• Polarity: As marked
• Weight: 2.24 grams
• Mounting Torque: 10 in-lbs maximum
Packing & Order Information
50/Tube ; 1,000/Box
Graphic symbol


Similar Part No. - TMBR30100CT

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
TMBR30120CT BWTECH-TMBR30120CT Datasheet
462Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
Rev. A -2014
TMBR30150CT BWTECH-TMBR30150CT Datasheet
111Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
More results

Similar Description - TMBR30100CT

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
TMBR10100CT BWTECH-TMBR10100CT Datasheet
431Kb / 4P
   Guard ring for overvoltage protection
TMBR30120CT BWTECH-TMBR30120CT Datasheet
462Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
Rev. A -2014
logo
Taiwan Semiconductor Co...
MBR20H100CT TSC-MBR20H100CT_13 Datasheet
223Kb / 3P
   20.0AMPS. Schottky Barrier Rectifiers Guard-ring for overvoltage protection
logo
Bruckewell Technology L...
SD0530WT BWTECH-SD0530WT Datasheet
456Kb / 3P
   Guard ring construction for transient Protection
logo
Kersemi Electronic Co.,...
MBR1540CT KERSEMI-MBR1540CT Datasheet
1Mb / 4P
   Guard ring die constuction for transient protection
logo
Sangdest Microelectroni...
SBL5100 SMC-SBL5100 Datasheet
148Kb / 5P
   Guard Ring Die Construction for Transient Protection
ST5100SAX SMC-ST5100SAX Datasheet
170Kb / 3P
   Guard Ring Die Construction for Transient Protection
logo
Kersemi Electronic Co.,...
MBR1545CG KERSEMI-MBR1545CG Datasheet
1Mb / 4P
   Guard ring die constuction for transient protection
logo
Sangdest Microelectroni...
ST5150SAX SMC-ST5150SAX Datasheet
299Kb / 5P
   Guard Ring Die Construction for Transient Protection
SB20100 SMC-SB20100 Datasheet
133Kb / 4P
   Guard Ring Die Construction for Transient Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com