Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8561Q Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8561Q
Description  2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8561Q Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8561Q_15 Datasheet HTML 1Page - NXP Semiconductors TDA8561Q_15 Datasheet HTML 2Page - NXP Semiconductors TDA8561Q_15 Datasheet HTML 3Page - NXP Semiconductors TDA8561Q_15 Datasheet HTML 4Page - NXP Semiconductors TDA8561Q_15 Datasheet HTML 5Page - NXP Semiconductors TDA8561Q_15 Datasheet HTML 6Page - NXP Semiconductors TDA8561Q_15 Datasheet HTML 7Page - NXP Semiconductors TDA8561Q_15 Datasheet HTML 8Page - NXP Semiconductors TDA8561Q_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1999 Jun 30
5
Philips Semiconductors
Product specification
2
× 24 W BTL or 4 × 12 W single-ended
car radio power amplifier
TDA8561Q
FUNCTIONAL DESCRIPTION
The TDA8561Q contains four identical amplifiers and can
be used for Single-Ended (SE) or Bridge-Tied Load (BTL)
applications. The gain of each amplifier is fixed at 20 dB
(26 dB in BTL). Special features of the device are:
Mode select switch (pin 14)
• Low standby current (<100 µA)
• Low switching current (low cost supply switch)
• Mute facility.
To avoid switch-on plops, it is advised to keep the amplifier
in the mute mode during
≥100 ms (charging of the input
capacitors at pins 1, 3, 15 and 17). This can be achieved
by:
• Microcontroller control
• External timing circuit (see Fig.11).
Diagnostic output (pin 16)
DYNAMIC DISTORTION DETECTOR (DDD)
At the onset of clipping of one or more output stages, the
dynamic distortion detector becomes active and pin 16
goes LOW. This information can be used to drive a sound
processor or DC volume control to attenuate the input
signal and thus limit the distortion. The output level of
pin 16 is independent of the number of channels that are
clipping (see Figs 3 and 4).
SHORT-CIRCUIT PROTECTION
When a short-circuit occurs at one or more outputs to
ground or to the supply voltage, the output stages are
switched off until the short-circuit is removed and the
device is switched on again, with a delay of approximately
20 ms, after removal of the short-circuit. During this
short-circuit condition, pin 16 is continuously LOW.
When a short-circuit across the load of one or both
channels occurs the output stages are switched off for
approximately 20 ms. After that time it is checked during
approximately 50
µs to see whether the short-circuit is still
present. Due to this duty cycle of 50
µs/20 ms the average
current consumption during this short-circuit condition is
very low (approximately 40 mA).
During this short-circuit condition, pin 16 is LOW for 20 ms
and HIGH for 50
µs (see Fig.5).
The power dissipation in any short-circuit condition is very
low.
Fig.3
Distortion detector waveform; BTL
application.
handbook, halfpage
V
0
VP
VO
0
t
MGA705
16
Fig.4
Distortion detector waveform; single-ended
application.
handbook, halfpage
0
VP
VO
t
0
MGA706
V16


Similar Part No. - TDA8561Q_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
More results

Similar Description - TDA8561Q_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
TDA8569Q PHILIPS-TDA8569Q_15 Datasheet
206Kb / 18P
   4X40 W BTL quad car radio power amplifier
2003 Aug 08
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com