Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8569Q Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8569Q
Description  4X40 W BTL quad car radio power amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8569Q Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8569Q_15 Datasheet HTML 6Page - NXP Semiconductors TDA8569Q_15 Datasheet HTML 7Page - NXP Semiconductors TDA8569Q_15 Datasheet HTML 8Page - NXP Semiconductors TDA8569Q_15 Datasheet HTML 9Page - NXP Semiconductors TDA8569Q_15 Datasheet HTML 10Page - NXP Semiconductors TDA8569Q_15 Datasheet HTML 11Page - NXP Semiconductors TDA8569Q_15 Datasheet HTML 12Page - NXP Semiconductors TDA8569Q_15 Datasheet HTML 13Page - NXP Semiconductors TDA8569Q_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
2003 Aug 08
10
Philips Semiconductors
Product specification
4
× 40 W BTL quad car radio
power amplifier
TDA8569Q
TEST AND APPLICATION INFORMATION
handbook, full pagewidth
MBK011
OUT1
+
RL = 2 Ω
OUT1
+
+
Vref
2
IN1
input 1
IN2
input 2
4
15
10
MODE
4700
µF
100 nF
23
+14.4 V
16
8
1
VP1
VP2
VP3
VP4
VP
30 k
OUT2
+
RL = 2 Ω
OUT2
+
+
7
5
11
30 k
470 nF
470 nF
470 nF
470 nF
21
18
6
3
PGND1
PGND2
PGND3
PGND4
power ground (substrate)
OUT3
+
RL = 2 Ω
OUT3
+
+
Vref
17
IN3
SGND
TDA8569Q
input 3
IN4
input 4
19
13
12
30 k
OUT4
+
RL = 2 Ω
OUT4
+
+
22
20
14
30 k
10 k
VDIAG
+VP
DIAGNOSTIC
diagnostic
output
9
Fig.7 Application circuit diagram.
Special care must be taken in the PCB-layout to separate pin VDIAG from the pins IN1, IN2, IN3 and IN4 to minimize the crosstalk between the
clip output and the inputs.
To avoid switch-on plops, it is advised to keep the amplifier in the mute mode for a period of
≥150 ms (charging the input capacitors at
pins IN1, IN2, IN3 and IN4).


Similar Part No. - TDA8569Q_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8569Q PHILIPS-TDA8569Q Datasheet
288Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1997 Mar 27
More results

Similar Description - TDA8569Q_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
TDA8569Q PHILIPS-TDA8569Q Datasheet
288Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1997 Mar 27
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com