Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8595 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8595
Description  I2C-bus controlled 4 ??45 W power amplifier
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8595 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8595_15 Datasheet HTML 1Page - NXP Semiconductors TDA8595_15 Datasheet HTML 2Page - NXP Semiconductors TDA8595_15 Datasheet HTML 3Page - NXP Semiconductors TDA8595_15 Datasheet HTML 4Page - NXP Semiconductors TDA8595_15 Datasheet HTML 5Page - NXP Semiconductors TDA8595_15 Datasheet HTML 6Page - NXP Semiconductors TDA8595_15 Datasheet HTML 7Page - NXP Semiconductors TDA8595_15 Datasheet HTML 8Page - NXP Semiconductors TDA8595_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
TDA8595
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 11 June 2013
3 of 51
NXP Semiconductors
TDA8595
I2C-bus controlled 4
 45 W power amplifier
5.
Block diagram
The pin numbers in parenthesis represent TDA8595TH.
Fig 1.
Block diagram
001aad135
STANDBY/
FAST MUTE
I2C-BUS
INTERFACE
CLIP DETECT/DIAGNOSTIC
MUTE
PROTECTION/
DIAGNOSTIC
26 dB/
16 dB
PROTECTION/
DIAGNOSTIC
26 dB/
16 dB
PROTECTION/
DIAGNOSTIC
26 dB/
16 dB
PROTECTION/
DIAGNOSTIC
26 dB/
16 dB
MUTE
MUTE
MUTE
5 (33)
10 (4)
8 (2)
18 (14)
20 (17)
6 (30)
4 (32)
22 (25)
24 (23)
27 (36)
17 (13)
9 (3)
14 (9)
SGND
SVR
ADSEL SDA
VP1
VP2
IN4
IN2
IN3
IN1
STB
ACGND
PGND1
PGND3
PGND4
11 (5)
15 (11)
13 (7)
16 (12)
12 (6)
1 (28) 26 (26)
SCL
23 (22)
21 (20, 21)
7 (34, 35)
2 (29)
3 (31)
19 (16)
25 (24)
DIAG
OUT1+
OUT1
OUT3+
OUT3
OUT2+
OUT2
OUT4+
OUT4
TAB
VP
PGND2
TDA8595J
TDA8595SD
(TDA8595TH)


Similar Part No. - TDA8595_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8595J NXP-TDA8595J Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDA8595SD NXP-TDA8595SD Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDA8595TH NXP-TDA8595TH Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
More results

Similar Description - TDA8595_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8589J PHILIPS-TDA8589J Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
logo
Texas Instruments
TPA0172 TI-TPA0172 Datasheet
474Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
TPA0172 TI-TPA0172_15 Datasheet
957Kb / 36P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com