Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8954 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8954
Description  2 횞 210 W class-D power amplifier
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8954 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8954_15 Datasheet HTML 6Page - NXP Semiconductors TDA8954_15 Datasheet HTML 7Page - NXP Semiconductors TDA8954_15 Datasheet HTML 8Page - NXP Semiconductors TDA8954_15 Datasheet HTML 9Page - NXP Semiconductors TDA8954_15 Datasheet HTML 10Page - NXP Semiconductors TDA8954_15 Datasheet HTML 11Page - NXP Semiconductors TDA8954_15 Datasheet HTML 12Page - NXP Semiconductors TDA8954_15 Datasheet HTML 13Page - NXP Semiconductors TDA8954_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
TDA8954_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 24 December 2009
10 of 46
NXP Semiconductors
TDA8954
2
× 210 W class-D power amplifier
Thermal foldback is active when:
Tact(th_fold) < Tj < Tact(th_prot)
The value of Tact(th_fold) for the TDA8954 is approximately 145 °C; see Table 9 for more
details. The gain will be reduced by at least 6 dB (to Thg(th_fold)) before the temperature
reaches Tact(th_prot) (see Figure 8).
TFB can be disabled by applying the appropriate voltage on pin MODE (see Table 9), in
which case the dissipation will not be limited by TFB. The junction temperature may then
rise as high as the OTP threshold, when the amplifier will be shut down (see
Section 8.4.1.2). The amplifier will start up again once it has cooled down. This introduces
audio holes.
The TFB warning signal is not disabled when the TFB is disabled via the MODE pin. This
allows a temperature control function in the application to monitor the junction
temperature and, if necessary, to reduce the level of the audio signal transmitted to the
amplifier.
8.4.1.2
OverTemperature Protection (OTP)
If TFB fails to stabilize the temperature and the junction temperature continues to rise, the
amplifier will shut down as soon as the temperature reaches the thermal protection
activation threshold, Tact(th_prot). The amplifier will resume switching approximately 100 ms
after the temperature drops below Tact(th_prot).
The thermal behavior is illustrated in Figure 8.
Fig 7.
TFB and TFB warning
010aaa561
VLOAD
VDIAG1
T
Tact(warn)th_fold
Tact(th_fold)
Thermal foldback activated
t


Similar Part No. - TDA8954_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8954J NXP-TDA8954J Datasheet
439Kb / 46P
   2 횞 210 W class-D power amplifier
Rev. 01-24 December 2009
TDA8954TH NXP-TDA8954TH Datasheet
439Kb / 46P
   2 횞 210 W class-D power amplifier
Rev. 01-24 December 2009
More results

Similar Description - TDA8954_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8954 NXP-TDA8954 Datasheet
439Kb / 46P
   2 횞 210 W class-D power amplifier
Rev. 01-24 December 2009
TDA8953 PHILIPS-TDA8953_15 Datasheet
756Kb / 46P
   2 횞 210 W class-D power amplifier
Rev. 01-24 December 2009
TDA8920C NXP-TDA8920C Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
logo
Toshiba Semiconductor
TB2924FG TOSHIBA-TB2924FG Datasheet
534Kb / 16P
   Class D, 20 W 횞 2-channel (BTL) Low-Frequency Power Amplifier IC
logo
Texas Instruments
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8920C NXP-TDA8920C_09 Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com