Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8599A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDF8599A
Description  I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8599A Datasheet(HTML) 1 Page - NXP Semiconductors

  TDF8599A_15 Datasheet HTML 1Page - NXP Semiconductors TDF8599A_15 Datasheet HTML 2Page - NXP Semiconductors TDF8599A_15 Datasheet HTML 3Page - NXP Semiconductors TDF8599A_15 Datasheet HTML 4Page - NXP Semiconductors TDF8599A_15 Datasheet HTML 5Page - NXP Semiconductors TDF8599A_15 Datasheet HTML 6Page - NXP Semiconductors TDF8599A_15 Datasheet HTML 7Page - NXP Semiconductors TDF8599A_15 Datasheet HTML 8Page - NXP Semiconductors TDF8599A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
1.
General description
The TDF8599A is a dual Bridge-Tied Load (BTL) car audio amplifier comprising an
NDMOST-NDMOST output stage based on SOI BCDMOS technology. Low power
dissipation enables the TDF8599A high-efficiency, class-D amplifier to be used with a
smaller heat sink than those normally used with standard class-AB amplifiers.
The TDF8599A can operate in either non-I2C-bus mode or I2C-bus mode. When in
I2C-bus mode, DC load detection results and fault conditions can be easily read back from
the device. Up to 15 I2C-bus addresses can be selected depending on the value of the
external resistor connected to pins ADS and MOD.
When pin ADS is short circuited to ground, the TDF8599A operates in non-I2C-bus mode.
Switching between Operating mode and Mute mode in non-I2C-bus mode is only possible
using pins EN and SEL_MUTE.
2.
Features and benefits
High-efficiency
Low quiescent current
Operating voltage from 8 V to 35 V
Two 4
/2  capable BTL channels or one 1  capable BTL channel
Differential inputs
I2C-bus mode with 15 I2C-bus addresses or non-I2C-bus mode operation
Clip detect
Independent short circuit protection for each channel
Advanced short circuit protection for load, GND and supply
Load dump protection
Thermal foldback and thermal protection
DC offset protection
Selectable AD or BD modulation
Parallel channel mode for high current drive capability
Advanced clocking:
Switchable oscillator clock source: internal for Master mode or external for Slave
mode
Spread spectrum mode
Phase staggering
Frequency hopping
No ‘pop noise’ caused by DC output offset voltage
TDF8599A
I2C-bus controlled dual channel 135 W/4
, single channel
250 W/2
 class-D power amplifier with load diagnostics
Rev. 3 — 2 May 2013
Product data sheet


Similar Part No. - TDF8599A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8599ATH NXP-TDF8599ATH Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
More results

Similar Description - TDF8599A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599 NXP-TDF8599 Datasheet
316Kb / 52P
   I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-13 November 2008
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599B NXP-TDF8599B_V01 Datasheet
569Kb / 54P
   I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 ??23 August 2016
TDA1566 PHILIPS-TDA1566_15 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Rev. 02-20 August 2007
TDA1566 NXP-TDA1566 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
logo
Texas Instruments
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424L-Q1 TI1-TAS6424L-Q1 Datasheet
2Mb / 65P
[Old version datasheet]   27-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424M-Q1 TI1-TAS6424M-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   45-W, 2-MHz digital input 4-channel automotive class-D audio amplifier with load dump protection and I2C diagnostics
logo
NXP Semiconductors
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com