Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMH20_PUMH20 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PEMH20_PUMH20
Description  NPN/NPN resistor-equipped transistors R1 = 2.2 k廓, R2 = 2.2 k廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMH20_PUMH20 Datasheet(HTML) 6 Page - NXP Semiconductors

  PEMH20_PUMH20_15 Datasheet HTML 1Page - NXP Semiconductors PEMH20_PUMH20_15 Datasheet HTML 2Page - NXP Semiconductors PEMH20_PUMH20_15 Datasheet HTML 3Page - NXP Semiconductors PEMH20_PUMH20_15 Datasheet HTML 4Page - NXP Semiconductors PEMH20_PUMH20_15 Datasheet HTML 5Page - NXP Semiconductors PEMH20_PUMH20_15 Datasheet HTML 6Page - NXP Semiconductors PEMH20_PUMH20_15 Datasheet HTML 7Page - NXP Semiconductors PEMH20_PUMH20_15 Datasheet HTML 8Page - NXP Semiconductors PEMH20_PUMH20_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PEMH20_PUMH20_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 November 2009
6 of 9
NXP Semiconductors
PEMH20; PUMH20
NPN/NPN resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = 2.2 kΩ
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 12.
[2]
T1: normal taping
[3]
T2: reverse taping
Fig 5.
Package outline SOT363 (SC-88)
Fig 6.
Package outline SOT666
06-03-16
Dimensions in mm
0.25
0.10
0.3
0.2
pin 1
index
1.3
0.65
2.2
2.0
1.35
1.15
2.2
1.8
1.1
0.8
0.45
0.15
13
2
4
65
Dimensions in mm
04-11-08
1.7
1.5
1.7
1.5
1.3
1.1
1
0.18
0.08
0.27
0.17
0.5
pin 1 index
12
3
4
5
6
0.6
0.5
0.3
0.1
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number Package
Description
Packing quantity
3000
4000
8000
10000
PEMH20
SOT666
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-
-115
-
-
PUMH20
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-
-
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-
-
-165


Similar Part No. - PEMH20_PUMH20_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH20 PHILIPS-PEMH20 Datasheet
52Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
Rev. 03-14 February 2005
PEMH20 NXP-PEMH20 Datasheet
283Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 04-15 November 2009
logo
Nexperia B.V. All right...
PEMH20 NEXPERIA-PEMH20 Datasheet
283Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
Rev. 04 - 15 November 2009
More results

Similar Description - PEMH20_PUMH20_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC123E NXP-PDTC123E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
2004 Aug 06
PEMH20 NXP-PEMH20 Datasheet
283Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 04-15 November 2009
logo
Nexperia B.V. All right...
PDTC123EMB NEXPERIA-PDTC123EMB Datasheet
960Kb / 13P
   NPN resistor-equipped transistor; R1 = 2.2 k廓, R2 = 2.2 k廓
logo
NXP Semiconductors
PEMH10 NXP-PEMH10 Datasheet
144Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2003 Oct 20
PDTC123J NXP-PDTC123J Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Aug 13
logo
Nexperia B.V. All right...
PQMH10 NEXPERIA-PQMH10 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTC123Y NXP-PDTC123Y Datasheet
145Kb / 11P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 10 k廓
Rev. 04-16 November 2009
PDTA123E NXP-PDTA123E Datasheet
189Kb / 14P
   PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
2004 Aug 02
logo
Nexperia B.V. All right...
PQMD10 NEXPERIA-PQMD10 Datasheet
734Kb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PEMD10 NXP-PEMD10 Datasheet
149Kb / 9P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Apr 15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com