Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP690MN33T2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP690MN33T2G
Description  1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP690MN33T2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP690MN33T2G Datasheet HTML 3Page - ON Semiconductor NCP690MN33T2G Datasheet HTML 4Page - ON Semiconductor NCP690MN33T2G Datasheet HTML 5Page - ON Semiconductor NCP690MN33T2G Datasheet HTML 6Page - ON Semiconductor NCP690MN33T2G Datasheet HTML 7Page - ON Semiconductor NCP690MN33T2G Datasheet HTML 8Page - ON Semiconductor NCP690MN33T2G Datasheet HTML 9Page - ON Semiconductor NCP690MN33T2G Datasheet HTML 10Page - ON Semiconductor NCP690MN33T2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NCP690, NCP691, NCP692, NCV8690
http://onsemi.com
7
Table 6. ELECTRICAL CHARACTERISTICS VIN = (VOUT + 1 V), VEN = VIN, IOUT = 1 mA, CIN = 10 mF, COUT = 10 mF, for typical
values TJ = 25°C, for Min/Max values TJ = −40°C to 125°C; unless otherwise noted. (Note 5) (continued)
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
Turn−on Time (Note 8)
VIN = 0 V to (VOUT +1 V) or 1.75 V
VOUT = 0 V to 90% VOUT_NOM
tON
50
ms
Power supply ripple rejection
(Note 8)
VOUT = 1.25 V
VIN = VOUT + 1 V, with
VPP = 0.5 V, COUT = 1 mF
f = 120 Hz
f = 1 kHz
f = 10 kHz
PSRR
62
55
40
dB
Output noise voltage (Note 8)
BW = 200 Hz to 100 kHz, CIN = 1 mF,
COUT = 10 mF, TA = 25°C
VN
50
mVrms
Thermal Shutdown Temperature
(Note 8)
TSD
175
°C
Thermal Shutdown Hysteresis
(Note 8)
TSH
10
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TJ = TA = 25_C. Low
duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
6. Maximum dropout voltage is limited by minimum input voltage. VIN = 1.7 V recommended for guaranteed operation at maximum output
current.
7. Refer to the Applications Information Section.
8. Values based on design and/or characterization.
9. Dropout voltage is defined as the differential voltage between VOUT and VIN, when VOUT drops 100 mV below its nominal value.
TYPICAL CHARACTERISTICS
Figure 11. Output Voltage vs. Temperature
(Vout = 1.25 V)
TA, AMBIENT TEMPERATURE (°C)
110
85
135
60
35
10
−15
−40
1.22
1.24
1.25
1.27
1.28
1.26
1.23
IOUT = 1 A
IOUT = 100 mA
VIN = VOUT_NOM + 1 V = 1.75 V,
CIN = COUT = 10 mF
Figure 12. Output Voltage vs. Temperature
(Vout = 1.5 V)
TA, AMBIENT TEMPERATURE (°C)
110
85
135
60
35
10
−15
−40
1.46
1.47
1.49
1.50
1.51
1.53
1.54
1.55
1.52
1.48
IOUT = 1 A
IOUT = 100 mA
VIN = VOUT_NOM + 1 V = 2.5 V,
CIN = COUT = 10 mF


Similar Part No. - NCP690MN33T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP690MN33T2G ONSEMI-NCP690MN33T2G Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
More results

Similar Description - NCP690MN33T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP690 ONSEMI-NCP690 Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP706B ONSEMI-NCP706B Datasheet
203Kb / 10P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 2
logo
Semtech Corporation
SC4205 SEMTECH-SC4205 Datasheet
218Kb / 8P
   Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
ON Semiconductor
NCP708 ONSEMI-NCP708 Datasheet
80Kb / 6P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
April, 2015 ??Rev. 1
NCP706 ONSEMI-NCP706_15 Datasheet
621Kb / 16P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2015 ??Rev. 7
logo
Semtech Corporation
SC4211 SEMTECH-SC4211_06 Datasheet
223Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211H SEMTECH-SC4211H Datasheet
405Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
Texas Instruments
TPS7A7002 TI1-TPS7A7002_16 Datasheet
901Kb / 20P
[Old version datasheet]   Very Low Input, Very Low Dropout 3-A Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com