Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP691MN18T2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP691MN18T2G
Description  1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP691MN18T2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP691MN18T2G Datasheet HTML 1Page - ON Semiconductor NCP691MN18T2G Datasheet HTML 2Page - ON Semiconductor NCP691MN18T2G Datasheet HTML 3Page - ON Semiconductor NCP691MN18T2G Datasheet HTML 4Page - ON Semiconductor NCP691MN18T2G Datasheet HTML 5Page - ON Semiconductor NCP691MN18T2G Datasheet HTML 6Page - ON Semiconductor NCP691MN18T2G Datasheet HTML 7Page - ON Semiconductor NCP691MN18T2G Datasheet HTML 8Page - ON Semiconductor NCP691MN18T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NCP690, NCP691, NCP692, NCV8690
http://onsemi.com
5
Table 3. ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
−0.3 to 6.5
V
Chip Enable Voltage
VEN
−0.3 to 6.5
V
Output Voltage
VOUT
−0.3 to 6.5
V
Output Voltage / Sense Input, (SNS pin)
VSNS
−0.3 to 6.5
V
Electrostatic Discharge
Human Body Model
ESD
4000
V
Machine Model
200
Maximum Junction Temperature
TJ_MAX
150
_C
Storage Temperature Range
TSTG
−65 to 150
_C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
NOTE: This device series contains ESD protection and exceeds the following tests:
ESD HBM tested per JEDEC standard: JESD22−A114
ESD MM tested per JEDEC standard: JESD22−A115
Latch–up Current Maximum Rating: ≤ 150 mA per JEDEC standard: JESD78
Table 4. PACKAGE THERMAL CHARACTERISTICS
Rating
Condition
Symbol
Value
Unit
Thermal Resistance,
Junction−to−Ambient (Note 2)
DFN6 3x3, 1 oz Cu
64 mm2 Cu
645 mm2 Cu
RqJA
169
70
°C/W
DFN6 3x3, 2 oz Cu
64 mm2 Cu
645 mm2 Cu
RqJA
151
62
°C/W
Thermal Resistance, Junction−to−Pin
RqJL
15
°C/W
Table 5. OPERATING RANGES
Rating
Symbol
Value
Unit
Operating Input Voltage (Notes 3 and 4)
VIN
1.5 to 6.0
V
Operating Junction Temperature Range
TJ
−40 to 125
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
1. Minimum VIN = (VOUT + VDO) or 1.5 V, whichever is higher.
2. Soldered on FR4 copper area, please refer to Applications Section for Safe Operating Area.
3. Minimum VIN = (VOUT + VDO) or 1.5 V, whichever is higher.
4. Refer to Electrical Characteristics and Application Information for Safe Operating Area.


Similar Part No. - NCP691MN18T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP691MN18T2G ONSEMI-NCP691MN18T2G Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
More results

Similar Description - NCP691MN18T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP690 ONSEMI-NCP690 Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP706B ONSEMI-NCP706B Datasheet
203Kb / 10P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 2
logo
Semtech Corporation
SC4205 SEMTECH-SC4205 Datasheet
218Kb / 8P
   Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
ON Semiconductor
NCP708 ONSEMI-NCP708 Datasheet
80Kb / 6P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
April, 2015 ??Rev. 1
NCP706 ONSEMI-NCP706_15 Datasheet
621Kb / 16P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2015 ??Rev. 7
logo
Semtech Corporation
SC4211 SEMTECH-SC4211_06 Datasheet
223Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211H SEMTECH-SC4211H Datasheet
405Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
Texas Instruments
TPS7A7002 TI1-TPS7A7002_16 Datasheet
901Kb / 20P
[Old version datasheet]   Very Low Input, Very Low Dropout 3-A Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com