Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG417CJ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DG417CJ
Description  Improved, SPST/SPDT Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG417CJ Datasheet(HTML) 5 Page - Maxim Integrated Products

  DG417CJ Datasheet HTML 1Page - Maxim Integrated Products DG417CJ Datasheet HTML 2Page - Maxim Integrated Products DG417CJ Datasheet HTML 3Page - Maxim Integrated Products DG417CJ Datasheet HTML 4Page - Maxim Integrated Products DG417CJ Datasheet HTML 5Page - Maxim Integrated Products DG417CJ Datasheet HTML 6Page - Maxim Integrated Products DG417CJ Datasheet HTML 7Page - Maxim Integrated Products DG417CJ Datasheet HTML 8Page - Maxim Integrated Products DG417CJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Improved, SPST/SPDT Analog Switches
_______________________________________________________________________________________
5
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
45
5
-20
-10
10
ON-RESISTANCE vs. VD AND
POWER-SUPPLY VOLTAGE
15
35
VD (V)
0
20
25
40
10
30
20
50
A
B
C
D
A: V+ = 5V,
V- = -5V
B: V+ = 10V,
V- = -10V
C: V+ = 15V,
V- = -15V
D: V+ = 20V,
V- = -20V
5
-20
-10
10
ON-RESISTANCE vs. VD AND
TEMPERATURE
30
VD (V)
0
20
20
10
25
15
35
V+ = 15V
V- = -15V
TA = +125°C
TA = +85°C
TA = +25°C
TA = -55°C
20
0
5
15
ON-RESISTANCE vs. VD
(SINGLE SUPPLY)
120
VD (V)
10
20
80
40
100
60
140
V- = 0V
V+ = 5V
V+ = 10V
V+ = 15V
V+ = 20V
10
0
5
15
ON-RESISTANCE vs. VD AND
TEMPERATURE
60
VD (V)
10
20
40
20
50
30
70
V+ = 12V
V- = 0V
TA = +125°C
TA = +85°C
TA = +25°C
-60
-20
CHARGE INJECTION vs.
ANALOG VOLTAGE
40
VD (V)
0
20
0
-40
20
-20
60
-15 -10
-5
5
10
15
V+ = 15V
V- = -15V
0.0001
-75
OFF-LEAKAGE CURRENT vs.
TEMPERATURE
10
TEMPERATURE (°C)
25
125
0.1
0.001
1
0.01
100
V+ = 16.5V
V- = -16.5V
VD = ±15V
VS = 15V
0.0001
-75
ON-LEAKAGE CURRENT vs.
TEMPERATURE
10
TEMPERATURE (°C)
25
125
0.1
0.001
1
0.01
100
V+ = 16.5V
V- = -16.5V
VD = ±15V
VS = ±15V
0.0001
-75
SUPPLY CURRENT vs.
TEMPERATURE
10
TEMPERATURE (°C)
25
125
0.1
0.001
1
0.01
100
A: I+ at V+ = 16.5V
B: I- at V- = -16.5V
C: IL at VL = 5V
A
B
C


Similar Part No. - DG417CJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417 VISHAY-DG417 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG417 VISHAY-DG417 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
Maxim Integrated Produc...
DG41789 MAXIM-DG41789 Datasheet
37Kb / 5P
   IMPROVED, SPST/SPDT ANALOG SWITCHES
19-0179 Rev. C
DG41789S MAXIM-DG41789S Datasheet
31Kb / 5P
   SPST/SPDT ANALOG SWITCHES
19-0501 Rev. A
logo
TEMIC Semiconductors
DG417AK TEMIC-DG417AK Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
More results

Similar Description - DG417CJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG41789 MAXIM-DG41789 Datasheet
37Kb / 5P
   IMPROVED, SPST/SPDT ANALOG SWITCHES
19-0179 Rev. C
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
DG412CUE-T MAXIM-DG412CUE-T Datasheet
256Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
DG411 MAXIM-DG411 Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG444CJ MAXIM-DG444CJ Datasheet
79Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
DG41789S MAXIM-DG41789S Datasheet
31Kb / 5P
   SPST/SPDT ANALOG SWITCHES
19-0501 Rev. A
logo
Vishay Siliconix
DG444B VISHAY-DG444B_11 Datasheet
243Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com