Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP703SN18T1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP703SN18T1G
Description  300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP703SN18T1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP703SN18T1G Datasheet HTML 5Page - ON Semiconductor NCP703SN18T1G Datasheet HTML 6Page - ON Semiconductor NCP703SN18T1G Datasheet HTML 7Page - ON Semiconductor NCP703SN18T1G Datasheet HTML 8Page - ON Semiconductor NCP703SN18T1G Datasheet HTML 9Page - ON Semiconductor NCP703SN18T1G Datasheet HTML 10Page - ON Semiconductor NCP703SN18T1G Datasheet HTML 11Page - ON Semiconductor NCP703SN18T1G Datasheet HTML 12Page - ON Semiconductor NCP703SN18T1G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NCP703
http://onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 29. Power Supply Rejection Ratio,
VOUT = 1.8 V
Figure 30. Power Supply Rejection Ratio,
VOUT = 2.5 V
Figure 31. Power Supply Rejection Ratio,
VOUT = 3.3 V
Figure 32. Power Supply Rejection Ratio,
VOUT = 3.3 V, IOUT = 10 mA
Figure 33. Power Supply Rejection Ratio,
VOUT = 3.3 V, IOUT = 300 mA
Figure 34. Output Capacitor ESR vs. Output
Current
IOUT, OUTPUT CURRENT (mA)
300
250
200
150
100
50
0
0.1
1
10
VIN = 5.5 V
CIN = COUT = 1 mF
MLCC, X7R, 1206 size
Unstable Region
Stable Region
VOUT = 0.8 V
VOUT = 3.3 V
F, FREQUENCY (kHz)
F, FREQUENCY (kHz)
10,000
1000
100
10
1
0.1
0.01
0
10
30
40
50
70
80
100
10,000
1000
100
10
1
0.1
0.01
0
10
30
40
60
70
90
100
F, FREQUENCY (kHz)
F, FREQUENCY (kHz)
10,000
1000
100
10
1
0.1
0.01
0
10
30
40
50
70
80
100
10,000
1000
100
10
1
0.1
0.01
0
10
30
40
60
70
90
100
F, FREQUENCY (kHz)
10,000
1000
100
10
1
0.1
0.01
0
10
30
40
60
70
80
100
20
50
90
VIN = 3.8 V
VOUT = 3.3 V
CIN = none
MLCC, X7R,
1206 size
Cout = 1mF
Cout = 4.7m
Cout = 10m
20
50
80
VIN = 3.8 V
VOUT = 3.3 V
CIN = none
MLCC, X7R,
1206 size
Cout = 1mF
Cout = 4.7m
Cout = 10m
20
60
90
Iout = 1 mA
Iout = 10 mA
Iout = 100 mA
Iout = 200 mA
Iout = 300 mA
VIN = 2.3 V
VOUT = 1.8 V
CIN = none
COUT = 1 mF
MLCC, X7R,
1206 size
20
50
80
Iout = 1 mA
Iout = 10 mA
Iout = 100 mA
Iout = 200 mA
Iout = 300 mA
VIN = 3.0 V
VOUT = 2.5 V
CIN = none
COUT = 1 mF
MLCC, X7R,
1206 size
Iout = 1 mA
Iout = 10 mA
Iout = 100 mA
Iout = 200 mA
Iout = 300 mA
VIN = 3.8 V
VOUT = 3.3 V
CIN = none
COUT = 1 mF
MLCC, X7R,
1206 size
20
60
90


Similar Part No. - NCP703SN18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP703SN18T1G ONSEMI-NCP703SN18T1G Datasheet
994Kb / 18P
   300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
September, 2012 ??Rev. 0
NCP703SN18T1G ONSEMI-NCP703SN18T1G Datasheet
947Kb / 18P
   300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
May, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com