Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG421AK Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DG421AK
Description  Improved Low-Power, CMOS Analog Switches with Latches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG421AK Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DG421AK Datasheet HTML 3Page - Maxim Integrated Products DG421AK Datasheet HTML 4Page - Maxim Integrated Products DG421AK Datasheet HTML 5Page - Maxim Integrated Products DG421AK Datasheet HTML 6Page - Maxim Integrated Products DG421AK Datasheet HTML 7Page - Maxim Integrated Products DG421AK Datasheet HTML 8Page - Maxim Integrated Products DG421AK Datasheet HTML 9Page - Maxim Integrated Products DG421AK Datasheet HTML 10Page - Maxim Integrated Products DG421AK Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Improved Low-Power,
CMOS Analog Switches with Latches
_______________________________________________________________________________________
7
0FF
0N
0FF
VOUT
IN
Q =
∆VOUT x CL
IN DEPENDENT ON SWITCH CONFIGURATION.
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
∆VOUT
DG421
DG423
DG425
Rg
-15V
V-
VOUT
V+
+15V
+5V
Vg
GND
VIN = 3V
WR
D
CL
10nF
RS VL
S
IN
Figure 5. Charge Injection
_________________________________Timing Diagrams/Test Circuits (continued)
D
-15V
V-
RL2
300
VOUT1
V+
+15V
+5V
VL
GND
VD = 10V
VD = 10V
LOGIC
INPUT
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
CL2
35pF
S
LOGIC
INPUT
SWITCH
OUTPUT 1
SWITCH
OUTPUT 2
0.9 x VOUT
VOUT1
0.9 x VOUT
tD
50%
3V
0V
0V
0V
VOUT2
tD
D
RL = 1000Ω
CL = 35pF
S
RL1
300
CL1
35pF
RS
VOUT2
DG423
IN
WR
Figure 4. DG423 Break-Before-Make Interval
-15V
V-
RL
GND
WR
SIGNAL GENERATOR
+15V
V+
10nF
RS
+5V
VL
10nF
D
S
0V or 2.4V
IN
DG421
DG423
DG425
VS
VD
NETWORK
ANALYZER
Figure 6 . Off-Isolation Rejection Ratio


Similar Part No. - DG421AK

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DG42-B1A HIROSE-DG42-B1A Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B1AA HIROSE-DG42-B1AA Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B2A HIROSE-DG42-B2A Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B2AA HIROSE-DG42-B2AA Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
DG42-B3A HIROSE-DG42-B3A Datasheet
916Kb / 4P
   Snap-Action Switches Insert molding terminals
More results

Similar Description - DG421AK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
DG309B VISHAY-DG309B Datasheet
117Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. E, 14-Jul-97
DG201B VISHAY-DG201B_11 Datasheet
226Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. J, 25-Apr-11
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com