Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP705MT18TCG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP705MT18TCG
Description  500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP705MT18TCG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP705MT18TCG Datasheet HTML 6Page - ON Semiconductor NCP705MT18TCG Datasheet HTML 7Page - ON Semiconductor NCP705MT18TCG Datasheet HTML 8Page - ON Semiconductor NCP705MT18TCG Datasheet HTML 9Page - ON Semiconductor NCP705MT18TCG Datasheet HTML 10Page - ON Semiconductor NCP705MT18TCG Datasheet HTML 11Page - ON Semiconductor NCP705MT18TCG Datasheet HTML 12Page - ON Semiconductor NCP705MT18TCG Datasheet HTML 13Page - ON Semiconductor NCP705MT18TCG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NCP705
www.onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 27. Enable Current vs. Temperature
Figure 28. Current Limit vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120
100
80
40
20
0
−20
−40
120
Figure 29. Short−Circuit vs. Temperature
Figure 30. Short−Circuit Current vs.
Temperature
TJ, JUNCTION TEMPERATURE (°C)
VIN, INPUT VOLTAGE (V)
60
140
120
100
80
40
20
0
−20
−40
750
60
140
120
100
80
40
20
0
−20
−40
800
60
140
2.5
3.00
5.50
100
80
60
40
20
0
VIN = 3.8 V
VOUT = 3.3 V
RL = 330 W
COUT = 1 mF
CIN = 1 mF
MLCC, X7R,
1206 size
VEN = 5.5 V
VEN = 0.4 V
735
720
705
690
675
660
645
630
615
600
VIN = VOUT + 0.5 V
COUT = 1 mF
CIN = 1 mF
MLCC, X7R,
1206 size
VOUT = 1.8 V
VOUT = 3.3 V
780
760
740
720
700
680
660
640
620
600
VIN = VOUT + 0.5 V
COUT = 1 mF
CIN = 1 mF
MLCC, X7R,
1206 size
VOUT = 3.3 V
VOUT = 1.8 V
800
780
760
740
720
700
680
660
640
620
600
VOUT = 0.8 V
CIN = 1 mF
COUT = 1
mF
MLCC, X7R
1206 size
3.50
4.00
4.50
5.00
Figure 31. Enable Threshold (High)
Figure 32. Enable Threshold (Low)
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120
100
60
40
20
0
−20
−40
1
80
140
120
100
60
40
20
0
−20
−40
80
140
VIN = 3.8 V
VOUT = 3.3 V
COUT = 1 mF
CIN = 1 mF
MLCC, X7R,
1206 size
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VIN = 3.8 V
VOUT = 3.3 V
COUT = 1 mF
CIN = 1 mF
MLCC, X7R,
1206 size


Similar Part No. - NCP705MT18TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP705MT18TCG ONSEMI-NCP705MT18TCG Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com