Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG441DY Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG441DY
Description  Improved, Quad, SPST Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG441DY Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG441DY Datasheet HTML 1Page - Maxim Integrated Products DG441DY Datasheet HTML 2Page - Maxim Integrated Products DG441DY Datasheet HTML 3Page - Maxim Integrated Products DG441DY Datasheet HTML 4Page - Maxim Integrated Products DG441DY Datasheet HTML 5Page - Maxim Integrated Products DG441DY Datasheet HTML 6Page - Maxim Integrated Products DG441DY Datasheet HTML 7Page - Maxim Integrated Products DG441DY Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
_______________________________________________________________________________________
Improved, Quad, SPST Analog Switches
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = 15V, V- = -15V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
Voltage Referenced to V-
V+.........................................................................................44V
GND .....................................................................................25V
VL ...................................................(GND - 0.3V) to (V+ + 0.3V)
Digital Inputs, VS, VD (Note 1)......(V- - 2V) to (V+ + 2V) or 30mA
(whichever occurs first)
Continuous Current (any terminal) ......................................30mA
Peak Current, S or D
(pulsed at 1ms, 10% duty-cycle max) .................................100mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) ............842mW
Narrow SO (derate 8.70mW/°C above +70°C) ..............696mW
CERDIP (derate 10.00mW/°C above +70°C) .................800mW
Operating Temperature Ranges
DG441C/DG442C .................................................0°C to +70°C
DG441D/DG442D ..............................................-40°C to +85°C
DG441AK/DG442AK .......................................-65°C to +150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
V+ = 16.5V, V- = -16.5V,
VD = ±15.5V,
VS = ±15.5V
-0.50
0.08
0.50
ID(ON)
or
IS(ON)
V+ = 13.5V, V- = -13.5V,
IS = -10mA,
VD = 8.5V or -8.5V
(Note 3)
VIN = 0.8V
V+ = 16.5V, V- = -16.5V,
VD = 15.5V,
VS = ±15.5V
-.0.50
0.01
0.50
V+ = 16.5V, V- = -16.5V,
VD = 15.5V,
VS = ±15.5V
-0.50
0.01
0.50
ID(OFF)
Drain Off-Leakage Current
(Note 5)
nA
V+ = 15V, V- = -15V,
VD = ±10V,
IS = -10mA
4
∆rDS(ON)
On-Resistance Match
Between Channels (Note 4)
VIN = 2.4V
CONDITIONS
Drain On-Leakage Current
(Note 5)
nA
TA = +25°C
TA = TMAX
A
-20
20
nA
-500
0.01
500
IINL
Input Current with
Input Voltage Low
-5
5
TA = +25°C
TA = TMAX
C, D
nA
-500
0.01
500
IINH
Input Current with
Input Voltage High
5
50
85
rDS(ON)
Drain-Source On-Resistance
V
-15
15
VANALOG
Analog-Signal Range
IS(OFF)
Source Off-Leakage Current
(Note 5)
nA
-20
20
TA = +25°C
TA = TMAX
C, D
TA = +25°C
TA = TMIN to TMAX
V+ = 15V, V- = -15V,
VD = 5V or -5V,
IS = -10mA
9
100
TA = +25°C
TA = TMIN to TMAX
rFLAT(ON)
On-Resistance Flatness
(Note 4)
15
TA = +25°C
TA = TMIN to TMAX
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
A
-5
5
-20
20
A
-10
10
C, D
Note 1: Signals on S, D, or IN exceeding V+ or V- are clamped by internal diodes. Limit forward current to maximum current ratings.
DIGITAL
SWITCH


Similar Part No. - DG441DY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441DY INTERSIL-DG441DY Datasheet
111Kb / 10P
   Monolithic, Quad SPST, CMOS Analog Switches
June 1999
DG441DY INTERSIL-DG441DY Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG441DY VISHAY-DG441DY Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Maxim Integrated Produc...
DG441DY MAXIM-DG441DY Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
logo
Vishay Siliconix
DG441DY VISHAY-DG441DY Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
More results

Similar Description - DG441DY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
DG412CUE-T MAXIM-DG412CUE-T Datasheet
256Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
DG411 MAXIM-DG411 Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG444CJ MAXIM-DG444CJ Datasheet
79Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
logo
Vishay Siliconix
DG444B VISHAY-DG444B_11 Datasheet
243Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
DG444B VISHAY-DG444B Datasheet
115Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B Datasheet
104Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B_11 Datasheet
245Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com