Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP752 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP752
Description  200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP752 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP752 Datasheet HTML 1Page - ON Semiconductor NCP752 Datasheet HTML 2Page - ON Semiconductor NCP752 Datasheet HTML 3Page - ON Semiconductor NCP752 Datasheet HTML 4Page - ON Semiconductor NCP752 Datasheet HTML 5Page - ON Semiconductor NCP752 Datasheet HTML 6Page - ON Semiconductor NCP752 Datasheet HTML 7Page - ON Semiconductor NCP752 Datasheet HTML 8Page - ON Semiconductor NCP752 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
NCP752
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
−0.3 V to 6 V
V
Output Voltage
VOUT
−0.3 V to VIN + 0.3 V
V
Enable Input
VEN
−0.3 V to VIN + 0.3 V
V
Power Good Output
VPG
−0.3 V to VIN + 0.3 V
V
Output Short Circuit Duration
tSC
Indefinite
s
Maximum Junction Temperature
TJ(MAX)
150
°C
Storage Temperature
TSTG
−55 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per JESD22−A114
ESD Machine Model tested per JESD22−A115
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.
THERMAL CHARACTERISTICS (Note 3)
Rating
Symbol
Value
Unit
Thermal Characteristics, TSOP−5,
Thermal Resistance, Junction−to−Air
RqJA
224
°C/W
Thermal Characteristics, XDFN6 1.5x1.5mm
Thermal Resistance, Junction−to−Air
RqJA
149
°C/W
3. Single component mounted on 1 oz FR 4 PCB with 645 mm2 cu area.


Similar Part No. - NCP752

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP700 ONSEMI-NCP700 Datasheet
127Kb / 8P
   Ultra Low Noise, High PSSR,BiCMOS RF LDO Regulator
May, 2007 - Rev. 0
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700BMT18TBG ONSEMI-NCP700BMT18TBG Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700BMT18TBG ONSEMI-NCP700BMT18TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700BMT25TBG ONSEMI-NCP700BMT25TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com