Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP707CMX180TCG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP707CMX180TCG
Description  200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP707CMX180TCG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP707CMX180TCG Datasheet HTML 6Page - ON Semiconductor NCP707CMX180TCG Datasheet HTML 7Page - ON Semiconductor NCP707CMX180TCG Datasheet HTML 8Page - ON Semiconductor NCP707CMX180TCG Datasheet HTML 9Page - ON Semiconductor NCP707CMX180TCG Datasheet HTML 10Page - ON Semiconductor NCP707CMX180TCG Datasheet HTML 11Page - ON Semiconductor NCP707CMX180TCG Datasheet HTML 12Page - ON Semiconductor NCP707CMX180TCG Datasheet HTML 13Page - ON Semiconductor NCP707CMX180TCG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
NCP707
www.onsemi.com
10
Figure 39. Load Regulation vs. Temperature
Figure 40. Ground Current vs. Output Current
Figure 41. Ground Current vs. Temperature
Figure 42. Stability vs. Output Capacitor ESR
Figure 43. PSRR vs. Frequency
VOUT = 1.5 V
Figure 44. PSRR vs. Frequency
VOUT = 1.85 V
JUNCTION TEMPERATURE (
°C)
10
VOUT(NOM) = 1.5 V
CIN = COUT = 1 mF
VIN = VOUT(NOM) + 0.5 V
IOUT = 0 mA to 200 mA
9
8
7
6
5
4
3
2
1
0
−40
−20
0
140
120
100
20
40
60
80
VOUT(NOM) = 1.8 V
VOUT(NOM) = 3.3 V
OUTPUT CURRENT (mA)
200
01
2
10
9
8
3
456
180
160
140
120
100
80
60
40
20
0
7
TA = 125°C
CIN = COUT = 1 mF
VIN = VOUT(NOM) + 0.5 V
TA = 25°C
TA = −40°C
JUNCTION TEMPERATURE (
°C)
300
−40
−20
0
140
120
100
20
40
60
80
280
260
240
220
200
CIN = COUT = 1 mF
VIN = VOUT(NOM) + 0.5 V
IOUT = 200 mA
VOUT(NOM) = 1.5 V
VOUT(NOM) = 1.85 V
VOUT(NOM) = 3.3 V
VOUT(NOM) = 2.85 V
OUTPUT CURRENT (mA)
100
0
10
1
0.1
0.01
100
200
300
UNSTABLE OPERATION
STABLE OPERATION
VOUT = 1.5 V
VOUT = 3.3 V
FREQUENCY (Hz)
90
10
80
70
60
50
40
30
20
10
0
100
1k
10k
100k
1M
10M
COUT = 1 mF
CIN = none,
VIN = 2.0 V ± 50 mVAC
VOUT(NOM) = 1.5 V
IOUT = 1 mA
IOUT = 10 mA
IOUT = 150 mA
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
90
80
70
60
50
40
30
20
10
0
100
IOUT = 150 mA
IOUT = 10 mA
IOUT = 1 mA
COUT = 1 mF
CIN = none,
VIN = 2.35 V ± 50 mVAC
VOUT(NOM) = 1.85 V


Similar Part No. - NCP707CMX180TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP707CMX180TCG ONSEMI-NCP707CMX180TCG Datasheet
856Kb / 19P
   Low Noise, Low Dropout Regulator
April, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com