Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4588DMX10TCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4588DMX10TCG
Description  200 mA, Output Capacitor Free, LDO Linear Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4588DMX10TCG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4588DMX10TCG Datasheet HTML 1Page - ON Semiconductor NCP4588DMX10TCG Datasheet HTML 2Page - ON Semiconductor NCP4588DMX10TCG Datasheet HTML 3Page - ON Semiconductor NCP4588DMX10TCG Datasheet HTML 4Page - ON Semiconductor NCP4588DMX10TCG Datasheet HTML 5Page - ON Semiconductor NCP4588DMX10TCG Datasheet HTML 6Page - ON Semiconductor NCP4588DMX10TCG Datasheet HTML 7Page - ON Semiconductor NCP4588DMX10TCG Datasheet HTML 8Page - ON Semiconductor NCP4588DMX10TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NCP4588
http://onsemi.com
3
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, XDFN
Thermal Resistance, Junction−to−Air
RqJA
250
°C/W
Thermal Characteristics, SOT23
Thermal Resistance, Junction−to−Air
RqJA
238
°C/W
Thermal Characteristics, SC−70
Thermal Resistance, Junction−to−Air
RqJA
263
°C/W
ELECTRICAL CHARACTERISTICS
−40°C ≤ TA ≤ 85°C; VIN = VOUT(NOM) + 1 V; IOUT = 1 mA; CIN = COUT = 1 mF; unless otherwise noted. Typical values are at TA = +25°C.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
1.4
5.25
V
Output Voltage
TA = +25 °C
VOUT > 2.0 V
VOUT
x0.99
x1.01
V
VOUT ≤ 2.0 V
−20
20
mV
−40°C ≤ TA ≤ 85°C
VOUT > 2.0 V
x0.980
x1.015
V
VOUT ≤ 2.0 V
−40
30
mV
Output Voltage Temp.
Coefficient
−40°C ≤ TA ≤ 85°C
100
ppm/°C
Line Regulation
VOUT(NOM) + 0.5 V ≤ VIN ≤ 5.0 V
LineReg
0.02
0.2
%/V
Load Regulation
IOUT = 1 mA to 200 mA
LineReg
25
50
mV
Dropout Voltage
IOUT = 200 mA
1.0 V ≤ VOUT < 1.3 V
VDO
0.64
0.92
V
1.1 V ≤ VOUT < 1.5 V
0.59
0.84
1.2 V ≤ VOUT < 1.8 V
0.55
0.76
1.5 V ≤ VOUT < 2.3 V
0.44
0.60
2.0 V ≤ VOUT < 3.0 V
0.35
0.49
2.6 V ≤ VOUT < 4.0 V
0.27
0.36
Output Current
IOUT
200
mA
Short Current Limit
VOUT = 0 V
ISC
50
mA
Quiescent Current
IQ
9.5
25
mA
Standby Current
VCE = 0 V, TA = 25°C
ISTB
0.1
3.0
mA
CE Pin Threshold Voltage
CE Input Voltage “H”
VCEH
1.0
V
CE Input Voltage “L”
VCEL
0.4
CE Pull Down Current
ICEPD
0.1
mA
Power Supply Rejection Ratio
VIN = VOUT + 1 V or 2.2 V whichever is higher,
DVIN = 0.2 Vpk−pk, IOUT = 30 mA, f = 1 kHz
PSRR
dB
VOUT ≤ 1.2 V
70
1.2 V < VOUT ≤ 2.2 V
65
2.2 V ≤ VOUT
60
Output Noise Voltage
VOUT = 1 V, IOUT = 30 mA, f = 10 Hz to 100 kHz
VN
80
mVrms
Low Output Nch Tr. On
Resistance
VIN = 4 V, VCE = 0 V, D version only
RLOW
30
W


Similar Part No. - NCP4588DMX10TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4588DMX10TCG ONSEMI-NCP4588DMX10TCG Datasheet
384Kb / 17P
   200 mA, Output Capacitor Free, LDO Linear Voltage Regulator
November, 2010 ??Rev. 0
More results

Similar Description - NCP4588DMX10TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4588 ONSEMI-NCP4588 Datasheet
384Kb / 17P
   200 mA, Output Capacitor Free, LDO Linear Voltage Regulator
November, 2010 ??Rev. 0
logo
Texas Instruments
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
logo
ABLIC Inc.
S-1315 ABLIC-S-1315 Datasheet
662Kb / 43P
   5.5 V INPUT, 200 mA, OUTPUT CAPACITOR-LESS VOLTAGE REGULATOR
Rev.1.4_00
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com