Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP752ASN33T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP752ASN33T1G
Description  200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP752ASN33T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP752ASN33T1G Datasheet HTML 2Page - ON Semiconductor NCP752ASN33T1G Datasheet HTML 3Page - ON Semiconductor NCP752ASN33T1G Datasheet HTML 4Page - ON Semiconductor NCP752ASN33T1G Datasheet HTML 5Page - ON Semiconductor NCP752ASN33T1G Datasheet HTML 6Page - ON Semiconductor NCP752ASN33T1G Datasheet HTML 7Page - ON Semiconductor NCP752ASN33T1G Datasheet HTML 8Page - ON Semiconductor NCP752ASN33T1G Datasheet HTML 9Page - ON Semiconductor NCP752ASN33T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
NCP752
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 9. Load Transient Response, 1 mA − 30 mA
NCP752A/B, VOUT = 1.8 V
VIN = 2.3 V
VOUT = 1.8 V
CIN = COUT = 1 mF
tRISE = tFALL = 1 ms
IOUT = 1 mA
VOUT = 1.8 V
IOUT = 30 mA
20 ms/div
Figure 10. Load Transient Response, 1 mA −
100 mA NCP752A/B, VOUT = 1.8 V
20 ms/div
VIN = 2.3 V
VOUT = 1.8 V
CIN = COUT = 1 mF
tRISE = tFALL = 1 ms
VOUT = 1.8 V
IOUT = 100 mA
IOUT = 1 mA
Figure 11. Load Transient Response, 1 mA − 30 mA
NCP752A/B, VOUT = 1.8 V
VIN = 2.3 V
VOUT = 1.8 V
CIN = COUT = 1 mF
tRISE = tFALL = 1 ms
IOUT = 10 mA
VOUT = 1.8 V
IOUT = 110 mA
20 ms/div
Figure 12. Load Transient Response, 1 mA −
200 mA NCP752A/B, VOUT = 1.8 V
20 ms/div
VIN = 2.3 V
VOUT = 1.8 V
CIN = COUT = 1 mF
tRISE = tFALL = 1 ms
VOUT = 1.8 V
IOUT = 200 mA
IOUT = 1 mA
Figure 13. Load Transient Response, 10 mA −
210 mA NCP752A/B, VOUT = 1.8 V
VIN = 2.3 V
VOUT = 1.8 V
CIN = COUT = 1 mF
tRISE = tFALL = 1 ms
IOUT = 10 mA
VOUT = 1.8 V
IOUT = 210 mA
20 ms/div
Figure 14. Load Transient Response, 1 mA −
200 mA NCP752A/B, VOUT = 1.8 V
100 ms/div
VIN = 2.3 V
VOUT = 1.8 V
CIN = COUT = 1 mF
tRISE = tFALL = 10 ms
VOUT = 1.8 V
IOUT = 1 mA
IOUT = 200 mA


Similar Part No. - NCP752ASN33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP700 ONSEMI-NCP700 Datasheet
127Kb / 8P
   Ultra Low Noise, High PSSR,BiCMOS RF LDO Regulator
May, 2007 - Rev. 0
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700BMT18TBG ONSEMI-NCP700BMT18TBG Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700BMT18TBG ONSEMI-NCP700BMT18TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700BMT25TBG ONSEMI-NCP700BMT25TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com