Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP59744 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP59744
Description  3.0 A, Dual-Rail Very Low-Dropout Linear Regulator with Programmable Soft-Start
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP59744 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP59744 Datasheet HTML 2Page - ON Semiconductor NCP59744 Datasheet HTML 3Page - ON Semiconductor NCP59744 Datasheet HTML 4Page - ON Semiconductor NCP59744 Datasheet HTML 5Page - ON Semiconductor NCP59744 Datasheet HTML 6Page - ON Semiconductor NCP59744 Datasheet HTML 7Page - ON Semiconductor NCP59744 Datasheet HTML 8Page - ON Semiconductor NCP59744 Datasheet HTML 9Page - ON Semiconductor NCP59744 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NCP59744
www.onsemi.com
6
TYPICAL CHARACTERISTICS
At TJ = +25°C, VOUT = 1.5 V, VIN = VOUT(TYP) + 0.3 V, VBIAS = 3.3 V, IOUT = 50 mA, VEN = VIN,
CIN = 1 mF, CBIAS = 1 mF, CSS = 0.01 mF, and COUT = 10 mF, unless otherwise noted.
Figure 9. VIN Dropout Voltage vs. (VBIAS
VOUT) and Temperature TJ
Figure 10. VBIAS Dropout Voltage vs. IOUT and
Temperature TJ
IOUT, OUTPUT CURRENT (A)
3.0
1.0
0.5
0
600
700
800
900
1000
1100
1400
Figure 11. BIAS Pin Current vs. IOUT and
Temperature TJ
Figure 12. BIAS Pin Current vs. VBIAS and
Temperature TJ
IOUT, OUTPUT CURRENT (A)
VBIAS (V)
3.0
1.0
0.5
0
0
200
600
800
1200
1400
1600
2000
5.0
4.5
4.0
5.5
3.5
3.0
2.5
2.0
0
200
600
800
1000
1400
1800
2000
Figure 13. Soft Start Charging Current ISS vs.
Temperature TJ
Figure 14. L−level PG Voltage vs. Current
TJ, JUNCTION TEMPERATURE (°C)
IPG, PG PIN CURRENT (mA)
100
75
125
50
25
0
−25
−50
0.300
0.325
0.350
0.375
0.400
0.450
0.475
0.500
12
10
8
6
4
2
0
0
0.1
0.3
0.4
0.5
0.7
0.9
1.0
+125
°C
+25
°C
−40
°C
400
1000
1800
+125
°C
+25
°C
−40
°C
400
1200
1600
+125
°C
+25
°C
−40
°C
0.425
0.2
0.6
0.8
1.5
2.0
2.5
1200
1300
1.5
2.0
2.5
VBIAS − VOUT (V)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
20
40
80
100
140
180
200
4.5
60
120
160
+125
°C
+25
°C
−40
°C
IOUT = 1.5 A


Similar Part No. - NCP59744

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP59744 ONSEMI-NCP59744 Datasheet
226Kb / 12P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 2
NCP59744MN1ADJTBG ONSEMI-NCP59744MN1ADJTBG Datasheet
226Kb / 12P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 2
NCP59744MN2ADJTBG ONSEMI-NCP59744MN2ADJTBG Datasheet
226Kb / 12P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 2
NCP59744 ONSEMI-NCP59744_17 Datasheet
226Kb / 12P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 2
More results

Similar Description - NCP59744

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV59744 ONSEMI-NCV59744_V01 Datasheet
526Kb / 12P
   Linear Voltage Regulator - Bias Rail, Very Low Dropout, Programmable Soft-Start 3 A
November, 2021 ??Rev. 2
NCP59749 ONSEMI-NCP59749 Datasheet
253Kb / 10P
   3.0 A, Dual-Rail Very Low?륞ropout Linear Regulator with Programmable Soft?륲tart
March, 2014 ??Rev. 0
NCP59744 ONSEMI-NCP59744_17 Datasheet
226Kb / 12P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 2
NCV59744 ONSEMI-NCV59744 Datasheet
204Kb / 10P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 0
NCV59745 ONSEMI-NCV59745 Datasheet
778Kb / 12P
   Linear Voltage Regulator - Bias Rail, Low Noise, Very Low Dropout, Programmable Soft-Start
April, 2020 ??Rev. 3
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
Rev 6 - December 2022
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
November 2020 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com