Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP59744 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP59744
Description  3.0 A, Dual-Rail Very Low-Dropout Linear Regulator with Programmable Soft-Start
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP59744 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP59744 Datasheet HTML 1Page - ON Semiconductor NCP59744 Datasheet HTML 2Page - ON Semiconductor NCP59744 Datasheet HTML 3Page - ON Semiconductor NCP59744 Datasheet HTML 4Page - ON Semiconductor NCP59744 Datasheet HTML 5Page - ON Semiconductor NCP59744 Datasheet HTML 6Page - ON Semiconductor NCP59744 Datasheet HTML 7Page - ON Semiconductor NCP59744 Datasheet HTML 8Page - ON Semiconductor NCP59744 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 1
1
Publication Order Number:
NCP59744/D
NCP59744
3.0 A, Dual-Rail Very
Low-Dropout Linear
Regulator with
Programmable Soft-Start
The NCP59744 is dual−rail very low dropout voltage regulator that
is capable of providing an output current in excess of 3.0 A with a
dropout voltage of 115 mV typ. at full load current. The devices are
stable with ceramic and other low ESR output capacitors. This series
contains adjustable output voltage version with output voltage down
to 0.8 V. Internal protection features consist of built−in thermal
shutdown and output current limiting protection. User−programmable
Soft−Start and Power Good pins are available. The NCP59744 is
available in QFN20−5x5−0.65P package.
Features
Output Current in Excess of 3.0 A
0.25% Typical Accuracy Over Line and Load
VIN Range: 0.8 V to 5.5 V
VBIAS Range: 2.2 V to 5.5 V
Output Voltage Range: 0.8 V to 3.6 V
Dropout Voltage: 115 mV at 3 A
Programmable Soft Start
Open Drain Power Good Output
Excellent Transient Response
Current Limit and Thermal Shutdown Protection
These are Pb−Free Devices
Applications
Telecom and Industrial Equipment Point of Load Regulation
FPGA, DSP and Logic Power Supplies
Switching Power Supply Post Regulation
Applications with Specific Start−up Time or Sequencing
Requirements
Figure 1. Typical Application Schematic
NCP59744
QFN20
CASE 485DB
MARKING DIAGRAM
www.onsemi.com
A
= Assembly Location
L/WL
= Wafer Lot
Y/YY
= Year
W/WW = Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
PIN CONNECTIONS
See detailed ordering, marking and shipping information in the
package dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
NCP59744
AWLYYWW
G
G
QFN20
1
QFN20, 5x5, 0.65P
IN
IN
IN
PG
BIAS
OUT
OUT
OUT
NC
FB
GND
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10


Similar Part No. - NCP59744

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP59744 ONSEMI-NCP59744 Datasheet
226Kb / 12P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 2
NCP59744MN1ADJTBG ONSEMI-NCP59744MN1ADJTBG Datasheet
226Kb / 12P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 2
NCP59744MN2ADJTBG ONSEMI-NCP59744MN2ADJTBG Datasheet
226Kb / 12P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 2
NCP59744 ONSEMI-NCP59744_17 Datasheet
226Kb / 12P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 2
More results

Similar Description - NCP59744

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV59744 ONSEMI-NCV59744_V01 Datasheet
526Kb / 12P
   Linear Voltage Regulator - Bias Rail, Very Low Dropout, Programmable Soft-Start 3 A
November, 2021 ??Rev. 2
NCP59749 ONSEMI-NCP59749 Datasheet
253Kb / 10P
   3.0 A, Dual-Rail Very Low?륞ropout Linear Regulator with Programmable Soft?륲tart
March, 2014 ??Rev. 0
NCP59744 ONSEMI-NCP59744_17 Datasheet
226Kb / 12P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 2
NCV59744 ONSEMI-NCV59744 Datasheet
204Kb / 10P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 0
NCV59745 ONSEMI-NCV59745 Datasheet
778Kb / 12P
   Linear Voltage Regulator - Bias Rail, Low Noise, Very Low Dropout, Programmable Soft-Start
April, 2020 ??Rev. 3
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
Rev 6 - December 2022
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
November 2020 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com