Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4688DMU30TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4688DMU30TCG
Description  150 mA, Low Noise, LDO Linear Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4688DMU30TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4688DMU30TCG Datasheet HTML 1Page - ON Semiconductor NCP4688DMU30TCG Datasheet HTML 2Page - ON Semiconductor NCP4688DMU30TCG Datasheet HTML 3Page - ON Semiconductor NCP4688DMU30TCG Datasheet HTML 4Page - ON Semiconductor NCP4688DMU30TCG Datasheet HTML 5Page - ON Semiconductor NCP4688DMU30TCG Datasheet HTML 6Page - ON Semiconductor NCP4688DMU30TCG Datasheet HTML 7Page - ON Semiconductor NCP4688DMU30TCG Datasheet HTML 8Page - ON Semiconductor NCP4688DMU30TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2012
February, 2012 − Rev. 1
1
Publication Order Number:
NCP4688/D
NCP4688
150 mA, Low Noise, LDO
Linear Voltage Regulator
The NCP4688 is a CMOS 150 mA LDO linear voltage regulator
with high output voltage accuracy which features a low noise output
voltage and high ripple rejection. The low level of output noise
10
mVrms typically is kept at any output voltage. The very common
SOT23−5 package and small
mDFN 1x1 package are suitable for
industrial applications, portable communication equipments and RF
modules.
Features
Operating Input Voltage Range: 2 V to 5.25 V
Output Voltage Range: 1.2 to 4.8 V (available in 0.1 V steps)
±1% Output Voltage Accuracy
Output Noise: 10 mVrms
Line Regulation: 0.02%/V
Current Limit Circuit
High PSRR: 80 dB at 1 kHz, 75 dB at 10 kHz
Available in SOT−23−5 and mDFN 1.0 x 1.0 mm Package
These are Pb−Free Devices
Typical Applications
Home Appliances, Industrial Equipment
Cable Boxes, Satellite Receivers, Entertainment Systems
Car Audio Equipment, Navigation Systems
Notebook Adaptors, LCD TVs, Cordless Phones and Private LAN
Systems
RF Modules
Figure 1. Typical Application Schematic
VIN
VOUT
CE
GND
VIN
VOUT
NCP4688x
C2
1.0 mF
C1
1.0 mF
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
XX, XXX = Specific Device Code
M, MM
= Date Code
G
= Pb−Free Package
MARKING
DIAGRAMS
(*Note: Microdot may be in either location)
SOT−23−5
CASE 1212
1
UDFN−4
CASE 517BR
XX
M G
G
(Top Views)
1
XXXMM
1


Similar Part No. - NCP4688DMU30TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4688DMU30TCG ONSEMI-NCP4688DMU30TCG Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
More results

Similar Description - NCP4688DMU30TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
STMicroelectronics
LD59015XX STMICROELECTRONICS-LD59015XX Datasheet
1Mb / 16P
   150 mA low noise high PSRR linear voltage regulator
logo
ON Semiconductor
NCP4587DMX12TCG ONSEMI-NCP4587DMX12TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com