Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130095-0256 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130095-0256
Description  Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130095-0256 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130095-0256 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/19/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130095-0256
Status:
Active
Overview:
Support Grips
Description:
Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave, Offset Eye,
Medium Mesh Length 0.279m (11.00"), Approximate Break Strength 816.47kg (1,800
lbs)
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR32159
General
Product Family
Cable Grips
Series
130095
Eye Type
Offset
O-Ring
N/A
Overview
Support Grips
Product Literature Order No
987650-8066
Product Name
Medium Duty
Type
Pulling Grip
UPC
78678836142
Woodhead
Yes
Physical
Approximate Break Strength
1,360.78kg (3,000 lbs)
Bale Length
N/A
Body Style
Straight
Cable Diameter
19.05-25.15mm (.750-.990")
Color - Grommet
N/A
Gender
N/A
Material - Body
N/A
Material - Grip
Galvanized Steel
Mesh Length
0.279m (11.00")
Number of Holes
N/A
Thread Size
N/A
Material Info
Old Part Number
36142
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130095Series
This document was generated on 12/19/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130095-0256

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130095-0251 MOLEX11-130095-0251 Datasheet
35Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Lace
130095-0253 MOLEX11-130095-0253 Datasheet
35Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave
130095-0257 MOLEX11-130095-0257 Datasheet
35Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave
130095-0258 MOLEX11-130095-0258 Datasheet
35Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave
130095-0259 MOLEX11-130095-0259 Datasheet
35Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave, Offset Eye
More results

Similar Description - 130095-0256

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300950256 MOLEX11-1300950256 Datasheet
28Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave
130095-0258 MOLEX11-130095-0258 Datasheet
35Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave
130095-0253 MOLEX11-130095-0253 Datasheet
35Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave
130095-0257 MOLEX11-130095-0257 Datasheet
35Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave
130095-0263 MOLEX11-130095-0263 Datasheet
35Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave
1300950263 MOLEX11-1300950263 Datasheet
28Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave, Offset Eye,
130095-0259 MOLEX11-130095-0259 Datasheet
35Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave, Offset Eye
1300950259 MOLEX11-1300950259 Datasheet
28Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave, Offset Eye,
130095-0260 MOLEX11-130095-0260 Datasheet
35Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave, Offset Eye,
1300950255 MOLEX11-1300950255 Datasheet
28Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave, Offset Eye
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com