Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1859E-020 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1859E-020
Description  Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1859E-020 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1859E-020 Datasheet HTML 1Page - Maxim Integrated Products DS1859E-020 Datasheet HTML 2Page - Maxim Integrated Products DS1859E-020 Datasheet HTML 3Page - Maxim Integrated Products DS1859E-020 Datasheet HTML 4Page - Maxim Integrated Products DS1859E-020 Datasheet HTML 5Page - Maxim Integrated Products DS1859E-020 Datasheet HTML 6Page - Maxim Integrated Products DS1859E-020 Datasheet HTML 7Page - Maxim Integrated Products DS1859E-020 Datasheet HTML 8Page - Maxim Integrated Products DS1859E-020 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Dual, Temperature-Controlled Resistors with
Internally Calibrated Monitors
______________________________________________ Maxim Integrated Products
1
For pricing delivery, and ordering information please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The DS1859 dual, temperature-controlled, nonvolatile
(NV) variable resistors with three monitors consists of
two 50k
Ω or two 20kΩ, 256-position, linear, variable
resistors; three analog monitor inputs (MON1, MON2,
MON3); and a direct-to-digital temperature sensor. The
device provides an ideal method for setting and tem-
perature-compensating bias voltages and currents in
control applications using minimal circuitry. The vari-
able resistor settings are stored in EEPROM memory
and can be accessed over the 2-wire serial bus.
Applications
Optical Transceivers
Optical Transponders
Instrumentation and Industrial Controls
RF Power Amps
Diagnostic Monitoring
Features
♦ SFF-8472 Compatible
♦ Five Monitored Channels (Temperature, VCC,
MON1, MON2, MON3)
♦ Three External Analog Inputs (MON1, MON2, MON3)
That Support Internal and External Calibration
♦ Scalable Dynamic Range for External Analog Inputs
♦ Internal Direct-to-Digital Temperature Sensor
♦ Alarm and Warning Flags for All Monitored
Channels
♦ Two 50kΩ or Two 20kΩ, Linear, 256-Position,
Nonvolatile Temperature-Controlled Variable
Resistors
♦ Resistor Settings Changeable Every 2°C
♦ Access to Monitoring and ID Information
Configurable with Separate Device Addresses
♦ 2-Wire Serial Interface
♦ Two Buffers with TTL/CMOS-Compatible Inputs and
Open-Drain Outputs
♦ Operates from a 3.3V or 5V Supply
♦ Operating Temperature Range of -40°C to +95°C
Ordering Information
Rev 1; 11/03
PART
RESISTANCE
PIN-PACKAGE
DS1859E-050
50k
16 TSSOP
DS1859E-020
20k
16 TSSOP
DS1859E-050/T&R
50k
16 TSSOP
(Tape-and-Reel)
DS1859E-020/T&R
20k
16 TSSOP
(Tape-and-Reel)
DS1859B-050
50k
16-Ball CSBGA
DS1859B-020
20k
16-Ball CSBGA
A
TOP VIEW
B
C
D
1
CSBGA (4mm x 4mm)
1.0mm PITCH
TSSOP
3
24
MON3
OUT1
IN2
MON1
L0
GND
WPEN
L1
H0
SDA
OUT2
H1
VCC
SCL
IN1
MON2
DS1859
SDA
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SCL
OUT1
IN1
OUT2
IN2
WPEN
GND
VCC
H1
L1
H0
L0
MON3
MON2
MON1
Pin Configurations
DS1859
SDA
1
2
3
4
5
6
7
8
16
0.1
µF
15
14
13
12
11
10
9
SCL
OUT1
IN1
OUT2
IN2
WPEN
GND
VCC
H1
L1
H0
L0
MON3
MON2
MON1
GROUND TO
DISABLE WRITE
PROTECT
Rx POWER*
DIAGNOSTIC
INPUTS
TO LASER
MODULATION
CONTROL
TO LASER BIAS
CONTROL
DECOUPLING
CAP
Tx POWER*
Tx BIAS*
*SATISFIES SFF-8472 COMPATIBILITY
VCC
VCC = 3.3V
4.7k
4.7k
Tx-FAULT
LOS
2-WIRE
INTERFACE
Typical Operating Circuit


Similar Part No. - DS1859E-020

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS185 LUMILEDS-DS185 Datasheet
1Mb / 21P
   Unique LED enabling limitless design freedom
logo
Dallas Semiconductor
DS1851 DALLAS-DS1851 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
logo
Maxim Integrated Produc...
DS1851 MAXIM-DS1851 Datasheet
200Kb / 18P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
19-5733; Rev 1/11
logo
Dallas Semiconductor
DS1851E-010 DALLAS-DS1851E-010 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
DS1851E-010TR DALLAS-DS1851E-010TR Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
More results

Similar Description - DS1859E-020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856 MAXIM-DS1856 Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
DS1856M MAXIM-DS1856M Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1854 MAXIM-DS1854 Datasheet
792Kb / 22P
   Dual Temperature-Controlled Resistors with Two Monitors
Rev 0; 1/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
logo
List of Unclassifed Man...
SFM4100 ETC2-SFM4100 Datasheet
464Kb / 9P
   Calibrated and temperature compensated
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
   Fully Calibrated & Temperature Compensated
logo
List of Unclassifed Man...
SFM3000 ETC2-SFM3000 Datasheet
590Kb / 7P
   Fully calibrated & temperature compensated
logo
Amphenol Corporation
2-SIP AMPHENOL-2-SIP Datasheet
138Kb / 4P
   Fully Calibrated & Temperature Compensated
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com