Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8537 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8537
Description  500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8537 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8537 Datasheet HTML 1Page - ON Semiconductor NCV8537 Datasheet HTML 2Page - ON Semiconductor NCV8537 Datasheet HTML 3Page - ON Semiconductor NCV8537 Datasheet HTML 4Page - ON Semiconductor NCV8537 Datasheet HTML 5Page - ON Semiconductor NCV8537 Datasheet HTML 6Page - ON Semiconductor NCV8537 Datasheet HTML 7Page - ON Semiconductor NCV8537 Datasheet HTML 8Page - ON Semiconductor NCV8537 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 2
1
Publication Order Number:
NCV8537/D
NCV8537
500 mA High Accuracy Low
Dropout Linear Regulator,
with Power Good Function
The NCV8537 is a high performance low dropout linear voltage
regulator. Based on the popular NCV8535, the device retains all the
best features of its predecessor which includes high accuracy,
excellent stability, low noise performance and reverse bias protection
but now includes a Power Good output signal to enable monitoring of
the supply system. The device is available with fixed or adjustable
outputs and is packaged in a 10 pin 3x3 mm DFN package.
Features
High Accuracy Output Over Line and Load Variances (0.9% at
25C)
Operating Temperature Range: −40C to 125C
Power Good Output to Indicate the Regulator is Within Specified
Limits
Stable Output with Low Value Capacitors of any type and with no
Minimum Load Current Requirement
Incorporates Current Limiting and Reverse Bias Protection
Thermal Shutdown Protection
Low Dropout Voltage at Full Load (340 mV typ at Vo = 3.3 V)
Low Noise (33 mVrms w/ 10 nF Cnr and 52 mVrms w/out Cnr)
Low Shutdown Current (< 1 mA)
Reverse Bias Protected
2.9 V to 12 V Supply Range
Available in 1.8 V, 2.5 V, 3.3 V, 5.0 V and Adjustable Output
Voltages
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
Applications
Networking Systems, DSL/Cable Modems
Audio Systems for Automotive Applications
Navigation Systems
Satellite Receivers
See detailed ordering, marking and shipping information in the
package dimensions section on page 15 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM
http://onsemi.com
xxx = Specific Device Marking
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
DFN10
MN SUFFIX
CASE 485C
V8537
xxx
ALYWG
G
1
Pin 1, 2. Vout
3. Sense / ADJ
4. GND
5. PWRG
6. NC
7. NR
8. SD
9, 10. Vin
EP, GND
(Note: Microdot may be in either location)
PIN CONFIGURATION


Similar Part No. - NCV8537

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8537 ONSEMI-NCV8537 Datasheet
1Mb / 16P
   High Accuracy Low Dropout Linear Regulator
October, 2017 ??Rev. 4
NCV8537ML180R2G ONSEMI-NCV8537ML180R2G Datasheet
1Mb / 16P
   High Accuracy Low Dropout Linear Regulator
October, 2017 ??Rev. 4
NCV8537ML250R2G ONSEMI-NCV8537ML250R2G Datasheet
1Mb / 16P
   High Accuracy Low Dropout Linear Regulator
October, 2017 ??Rev. 4
NCV8537ML330R2G ONSEMI-NCV8537ML330R2G Datasheet
1Mb / 16P
   High Accuracy Low Dropout Linear Regulator
October, 2017 ??Rev. 4
NCV8537ML500R2G ONSEMI-NCV8537ML500R2G Datasheet
1Mb / 16P
   High Accuracy Low Dropout Linear Regulator
October, 2017 ??Rev. 4
More results

Similar Description - NCV8537

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3337MNADJR2G ONSEMI-NCP3337MNADJR2G Datasheet
1Mb / 16P
   Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
August, 2010 ??Rev. 0
NCP3337 ONSEMI-NCP3337 Datasheet
1Mb / 16P
   Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
August, 2010 ??Rev. 0
NCV8535 ONSEMI-NCV8535_17 Datasheet
314Kb / 22P
   Ultra High Accuracy 500 mA Low Dropout Regulator
October, 2017 ??Rev. 5
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
TPS7A26 TI1-TPS7A26 Datasheet
840Kb / 18P
[Old version datasheet]   500-mA, 18-V, Ultra-Low IQ, Low Dropout Linear Voltage Regulator With Power Good
TPS7A26_1903 TI1-TPS7A26_1903 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA, 18-V, Ultra-Low IQ, Low Dropout Linear Voltage Regulator With Power Good
TPS7A26 TI1-TPS7A26_19 Datasheet
1,009Kb / 22P
[Old version datasheet]   500-mA, 18-V, Ultra-Low IQ, Low Dropout Linear Voltage Regulator With Power Good
logo
STMicroelectronics
LDLN050 STMICROELECTRONICS-LDLN050 Datasheet
670Kb / 22P
   500 mA, high performance low dropout linear regulator
Rev 4 - September 2021
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com