Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8664CST50T3G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV8664CST50T3G
Description  Very Low Iq Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8664CST50T3G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV8664CST50T3G Datasheet HTML 3Page - ON Semiconductor NCV8664CST50T3G Datasheet HTML 4Page - ON Semiconductor NCV8664CST50T3G Datasheet HTML 5Page - ON Semiconductor NCV8664CST50T3G Datasheet HTML 6Page - ON Semiconductor NCV8664CST50T3G Datasheet HTML 7Page - ON Semiconductor NCV8664CST50T3G Datasheet HTML 8Page - ON Semiconductor NCV8664CST50T3G Datasheet HTML 9Page - ON Semiconductor NCV8664CST50T3G Datasheet HTML 10Page - ON Semiconductor NCV8664CST50T3G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NCV8664C
www.onsemi.com
8
Typical Characteristic Curves − 3.3 V Version
IQ, OUTPUT CURRENT (mA)
IQ, OUTPUT CURRENT (mA)
100
50
25
0
0
2.0
3.5
20
16
10
2
0
0
0.10
0.15
0.20
0.25
125
1.0
0.5
1.5
2.5
3.0
0.05
75
Figure 19. Quiescent Current vs. Output
Current, (High Load)
Figure 20. Quiescent Current vs. Output
Current, (Low Load)
150
VI = 13.5 V
TJ = 25°C
46
8
12
14
18
VI = 13.5 V
TJ = 25°C


Similar Part No. - NCV8664CST50T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8664CST50T3G ONSEMI-NCV8664CST50T3G Datasheet
99Kb / 13P
   Very Low Iq Low Dropout Linear Regulator
June, 2017 ??Rev. 2
More results

Similar Description - NCV8664CST50T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
142Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV8664C ONSEMI-NCV8664C_17 Datasheet
99Kb / 13P
   Very Low Iq Low Dropout Linear Regulator
June, 2017 ??Rev. 2
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
165Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com