Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG301CJ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DG301CJ
Description  TTL Compatible CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG301CJ Datasheet(HTML) 4 Page - Maxim Integrated Products

  DG301CJ Datasheet HTML 1Page - Maxim Integrated Products DG301CJ Datasheet HTML 2Page - Maxim Integrated Products DG301CJ Datasheet HTML 3Page - Maxim Integrated Products DG301CJ Datasheet HTML 4Page - Maxim Integrated Products DG301CJ Datasheet HTML 5Page - Maxim Integrated Products DG301CJ Datasheet HTML 6Page - Maxim Integrated Products DG301CJ Datasheet HTML 7Page - Maxim Integrated Products DG301CJ Datasheet HTML 8Page - Maxim Integrated Products DG301CJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TTL Compatible CMOS Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (Over Temperature) (continued)
(V+ = +15V, V- = -15V, GND = 0V, TA = Over Temperature Range, unless otherwise noted.)
Note 1: Signals on SX, DX, or INX exceeding V+ or V- are clamped by internal diodes. Limit diode forward current to maximum cur-
rent ratings.
Note 2: The algebraic convention whereby the most negative value is a minimum, and the most positive value is a maximum is used
in this data sheet.
Note 3: Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
Note 4: OFF-isolation = 20 log VS , VS = input to OFF switch, VD = output.
VD
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - DG301CJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG301303 MAXIM-DG301303 Datasheet
33Kb / 5P
   TTL COMPATIBLE CMOS ANALOG SWITCHES
19-0054 Rev. C
logo
Vishay Siliconix
DG3015 VISHAY-DG3015 Datasheet
116Kb / 8P
   Low-Voltage, Low rON, Dual DPDT Analog Switch
Rev. C, 30-Apr-07
DG3015 VISHAY-DG3015 Datasheet
168Kb / 9P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
01-Jan-2022
DG3015DB VISHAY-DG3015DB Datasheet
12Kb / 1P
   Device Orientation-MICRO FOOT Packages
04-Jun-04
DG3015DB-T2-E1 VISHAY-DG3015DB-T2-E1 Datasheet
116Kb / 8P
   Low-Voltage, Low rON, Dual DPDT Analog Switch
Rev. C, 30-Apr-07
More results

Similar Description - DG301CJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG300A INTERSIL-DG300A Datasheet
83Kb / 7P
   TTL-Compatible, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG304567 MAXIM-DG304567 Datasheet
28Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG SWITCHES
19-0058 Rev. B
DG301303 MAXIM-DG301303 Datasheet
33Kb / 5P
   TTL COMPATIBLE CMOS ANALOG SWITCHES
19-0054 Rev. C
DG300 MAXIM-DG300_V01 Datasheet
336Kb / 11P
   TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
DG300A MAXIM-DG300A_V01 Datasheet
336Kb / 11P
   TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
logo
Intersil Corporation
DG300A INTERSIL-DG300A_01 Datasheet
308Kb / 7P
   TTL-Compatible, CMOS Analog Switches
logo
Maxim Integrated Produc...
DG381479 MAXIM-DG381479 Datasheet
28Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG SWITCHES
19-0059 Rev. B
DG30809 MAXIM-DG30809 Datasheet
25Kb / 4P
   QUAD, SPST, CMOS, TTL-Compatible Analog Switches
19-0060Rev. B
DG528529 MAXIM-DG528529 Datasheet
31Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG MULTIPLEXER
19-0063 Rev. C
logo
National Semiconductor ...
AH0014 NSC-AH0014 Datasheet
140Kb / 6P
   Dual DPST-TTL/DTL Compatible MOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com