Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF1010ZL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AUIRF1010ZL
Description  AUTOMOTIVE GRADE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRF1010ZL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AUIRF1010ZL Datasheet HTML 1Page - List of Unclassifed Manufacturers AUIRF1010ZL Datasheet HTML 2Page - List of Unclassifed Manufacturers AUIRF1010ZL Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRF1010ZL Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRF1010ZL Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRF1010ZL Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRF1010ZL Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRF1010ZL Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRF1010ZL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AUIRF1010Z/S/L
2
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Limited by TJmax, starting TJ = 25°C, L = 0.05mH,
RG = 25, IAS = 75A, VGS =10V. Part not
recommended for use above this value.
ƒ Pulse width  1.0ms; duty cycle  2%.
„ Coss eff. is a fixed capacitance that gives the
same charging time as Coss while VDS is rising
from 0 to 80% VDSS .
Notes:
… Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
† This value determined from sample failure population, starting
TJ = 25°C, L = 0.05mH, RG = 25, IAS = 75A, VGS =10V.
‡ This is only applied to TO-220AB pakcage.
ˆ This is applied to D2Pak, when mounted on 1" square PCB (FR-
4 or G-10 Material). For recommended footprint and soldering
techniques refer to application note #AN-994.
‰ Ris measured at TJ approximately 90°C.
Static Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max.
Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
V(BR)DSS/TJ
Breakdown Voltage Temp. Coefficient
–––
0.049
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
5.8
7.5
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
33
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Qg
Total Gate Charge
–––
63
95
Qgs
Gate-to-Source Charge
–––
19
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
24
–––
td(on)
Turn-On Delay Time
–––
18
–––
tr
Rise Time
–––
150
–––
td(off)
Turn-Off Delay Time
–––
36
–––
ns
tf
Fall Time
–––
92
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
2840
–––
Coss
Output Capacitance
–––
420
–––
Crss
Reverse Transfer Capacitance
–––
250
–––
pF
Coss
Output Capacitance
–––
1630
–––
Coss
Output Capacitance
–––
360
–––
Coss eff.
Effective Output Capacitance
–––
560
–––
Diode Characteristics
Parameter
Min.
Typ. Max.
Units
IS
Continuous Source Current
–––
–––
75
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
360
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
22
33
ns
Qrr
Reverse Recovery Charge
–––
15
23
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 44V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 44V
f
VGS = 10V e
VDD = 28V
ID = 75A
RG = 6.8 
TJ = 25°C, IS = 75A, VGS = 0V e
TJ = 25°C, IF = 75A, VDD = 25V
di/dt = 100A/μs
e
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 75A e
VDS = VGS, ID = 250μA
VDS = 55V, VGS = 0V
VDS = 55V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
integral reverse
p-n junction diode.
VDS = 25V, ID = 75A
ID = 75A
VDS = 44V
Conditions
VGS = 10V e
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
VGS = 20V
VGS = -20V


Similar Part No. - AUIRF1010ZL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF1010ZL IRF-AUIRF1010ZL Datasheet
362Kb / 15P
   HEXFET짰 Power MOSFET
AUIRF1010ZL IRF-AUIRF1010ZL Datasheet
280Kb / 15P
   Advanced Process Technology
logo
Infineon Technologies A...
AUIRF1010ZL INFINEON-AUIRF1010ZL Datasheet
757Kb / 13P
   Advanced Process Technology
2017-09-18
More results

Similar Description - AUIRF1010ZL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFZ48Z IRF-AUIRFZ48Z Datasheet
258Kb / 14P
   AUTOMOTIVE GRADE
logo
Kersemi Electronic Co.,...
IRFR4105ZTRL KERSEMI-IRFR4105ZTRL Datasheet
4Mb / 12P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRLR3105 IRF-AUIRLR3105 Datasheet
632Kb / 13P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRF9952Q INFINEON-AUIRF9952Q Datasheet
329Kb / 11P
   AUTOMOTIVE GRADE
2015-10-5
AUIRF7379Q INFINEON-AUIRF7379Q Datasheet
355Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7341Q INFINEON-AUIRF7341Q Datasheet
427Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7319Q INFINEON-AUIRF7319Q Datasheet
371Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7304Q INFINEON-AUIRF7304Q Datasheet
523Kb / 9P
   AUTOMOTIVE GRADE
2015-11-16
logo
List of Unclassifed Man...
AUIRF1324 ETC2-AUIRF1324 Datasheet
438Kb / 11P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRS2123S IRF-AUIRS2123S Datasheet
324Kb / 18P
   Automotive Grade
AUIRF2903Z IRF-AUIRF2903Z Datasheet
211Kb / 12P
   AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com