Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF1018ES Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AUIRF1018ES
Description  AUTOMOTIVE GRADE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRF1018ES Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AUIRF1018ES Datasheet HTML 1Page - List of Unclassifed Manufacturers AUIRF1018ES Datasheet HTML 2Page - List of Unclassifed Manufacturers AUIRF1018ES Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRF1018ES Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRF1018ES Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRF1018ES Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRF1018ES Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRF1018ES Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRF1018ES Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AUIRF1018ES
www.irf.com
5
Fig 13. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 14. Typical Avalanche Current vs.Pulsewidth
Fig 15. Maximum Avalanche Energy vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 14, 15:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a temperature far in
excess of Tjmax. This is validated for every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is not exceeded.
3. Equation below based on circuit and waveforms shown in Figures 16a, 16b.
4. PD (ave) = Average power dissipation per single avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase
during avalanche).
6. Iav = Allowable avalanche current.
7.
ΔT = Allowable rise in junction temperature, not to exceed Tjmax (assumed as
25°C in Figure 14, 15).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see Figures 13)
PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC
Iav = 2
DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Ri (°C/W)
τι (sec)
0.026741 0.000007
0.28078 0.000091
0.606685 0.000843
0.406128 0.005884
τJ
τJ
τ1
τ1
τ2
τ2
τ3
τ3
R1
R1
R2
R2
R3
R3
Ci
i
/Ri
Ci=
τi/Ri
τ
τC
τ4
τ4
R4
R4
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
0.1
1
10
100
0.05
Duty Cycle = Single Pulse
0.10
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
ΔΤ j = 25°C and
Tstart = 150°C.
0.01
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming ΔTj = 150°C and
Tstart =25°C (Single Pulse)
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
20
40
60
80
100
TOP
Single Pulse
BOTTOM 10% Duty Cycle
ID = 47A


Similar Part No. - AUIRF1018ES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF1018ES IRF-AUIRF1018ES Datasheet
249Kb / 11P
   Advanced Process Technology
logo
Infineon Technologies A...
AUIRF1018ES INFINEON-AUIRF1018ES Datasheet
664Kb / 10P
   Specifically designed for Automotive applications, this HEXFET짰 Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area.
2015-11-23
logo
International Rectifier
AUIRF1018ESTRL IRF-AUIRF1018ESTRL Datasheet
249Kb / 11P
   Advanced Process Technology
AUIRF1018ESTRR IRF-AUIRF1018ESTRR Datasheet
249Kb / 11P
   Advanced Process Technology
More results

Similar Description - AUIRF1018ES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFZ48Z IRF-AUIRFZ48Z Datasheet
258Kb / 14P
   AUTOMOTIVE GRADE
logo
Kersemi Electronic Co.,...
IRFR4105ZTRL KERSEMI-IRFR4105ZTRL Datasheet
4Mb / 12P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRLR3105 IRF-AUIRLR3105 Datasheet
632Kb / 13P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRF9952Q INFINEON-AUIRF9952Q Datasheet
329Kb / 11P
   AUTOMOTIVE GRADE
2015-10-5
AUIRF7379Q INFINEON-AUIRF7379Q Datasheet
355Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7341Q INFINEON-AUIRF7341Q Datasheet
427Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7319Q INFINEON-AUIRF7319Q Datasheet
371Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7304Q INFINEON-AUIRF7304Q Datasheet
523Kb / 9P
   AUTOMOTIVE GRADE
2015-11-16
logo
List of Unclassifed Man...
AUIRF1324 ETC2-AUIRF1324 Datasheet
438Kb / 11P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRS2123S IRF-AUIRS2123S Datasheet
324Kb / 18P
   Automotive Grade
AUIRF2903Z IRF-AUIRF2903Z Datasheet
211Kb / 12P
   AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com