Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF2807 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AUIRF2807
Description  Low On-Resistance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRF2807 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AUIRF2807 Datasheet HTML 1Page - List of Unclassifed Manufacturers AUIRF2807 Datasheet HTML 2Page - List of Unclassifed Manufacturers AUIRF2807 Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRF2807 Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRF2807 Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRF2807 Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRF2807 Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRF2807 Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRF2807 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AUIRF2807
11/09/11
www.irf.com
1
Features
l
Advanced Planar Technology
l
Low On-Resistance
l
Dynamic dV/dT Rating
l
175°C Operating Temperature
l
Fast Switching
l
Fully Avalanche Rated
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free, RoHS Compliant
l
Automotive Qualified *
Description
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only; and functional operation of the device at these or any other condition beyond those indicated
in the specifications is not implied.Exposure to absolute-maximum-rated conditions for extended periods may affect
device reliability. The thermal resistance and power dissipation ratings are measured under board mounted and still
air conditions. Ambient temperature (TA) is 25°C, unless otherwise specified.
AUTOMOTIVE GRADE
S
D
G
HEXFET® Power MOSFET
GD
S
Gate
Drain
Source
TO-220AB
AUIRF2807
D
S
D
G
V(BR)DSS
75V
RDS(on) max.
13m
Ω
ID(Silicon Limited)
82A
h
ID (Package Limited)
75A
HEXFET® is a registered trademark of International Rectifier.
*Qualification standards can be found at http://www.irf.com/
Specifically designed for Automotive applications, this
Stripe Planar design of HEXFET® Power MOSFETs
utilizes the latest processing techniques to achieve low
on-resistance per silicon area. This benefit combined with
the fast switching speed and ruggedized device design
that HEXFET power MOSFETs are well known for, pro-
vides the designer with an extremely efficient and reliable
device for use in Automotive and a wide variety of other
applications.
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Power Dissipation
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy
dg
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
dv/dt
Peak Diode Recovery dv/dt
e
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
Mounting Torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.65
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
RθJA
Junction-to-Ambient
–––
62
±20
5.9
43
23
10 lbf
yin (1.1Nym)
-55 to + 175
°C/W
300 (1.6mm from case )
W
340
230
Max.
82
h
58
280
75
1.5
PD - 96384A


Similar Part No. - AUIRF2807

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF2807 IRF-AUIRF2807 Datasheet
202Kb / 11P
   Advanced Planar Technology, Low On-Resistance
logo
Infineon Technologies A...
AUIRF2807 INFINEON-AUIRF2807 Datasheet
341Kb / 9P
   Advanced Planar Technology
2017-09-29
More results

Similar Description - AUIRF2807

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com