Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF2903ZS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AUIRF2903ZS
Description  Low On-Resistance
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRF2903ZS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AUIRF2903ZS Datasheet HTML 1Page - List of Unclassifed Manufacturers AUIRF2903ZS Datasheet HTML 2Page - List of Unclassifed Manufacturers AUIRF2903ZS Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRF2903ZS Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRF2903ZS Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRF2903ZS Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRF2903ZS Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRF2903ZS Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRF2903ZS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AUIRF2903ZS/ZL
4
www.irf.com
Fig 2.
Typical Output Characteristics
Fig 1.
Typical Output Characteristics
Fig 3.
Typical Transfer Characteristics
Fig 4.
Typical Forward Transconductance
Vs. Drain Current
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
10
100
1000
≤ 60μs PULSE WIDTH
Tj = 175°C
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
≤ 60μs PULSE WIDTH
Tj = 25°C
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
VGS, Gate-to-Source Voltage (V)
0.1
1.0
10.0
100.0
1000.0
VDS = 25V
≤ 60μs PULSE WIDTH
TJ = 25°C
TJ = 175°C
0
20 40 60
80 100 120 140 160 180
ID, Drain-to-Source Current (A)
0
40
80
120
160
200
240
TJ = 25°C
TJ = 175°C
VDS = 10V
380μs PULSE WIDTH


Similar Part No. - AUIRF2903ZS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF2903ZS IRF-AUIRF2903ZS Datasheet
235Kb / 14P
   Advanced Process Technology Low On-Resistance
logo
Infineon Technologies A...
AUIRF2903ZS INFINEON-AUIRF2903ZS Datasheet
713Kb / 12P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF2903ZSTRL INFINEON-AUIRF2903ZSTRL Datasheet
713Kb / 12P
   AUTOMOTIVE GRADE
2015-9-30
More results

Similar Description - AUIRF2903ZS

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com