Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF3205 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AUIRF3205
Description  Low On-Resistance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRF3205 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AUIRF3205 Datasheet HTML 1Page - List of Unclassifed Manufacturers AUIRF3205 Datasheet HTML 2Page - List of Unclassifed Manufacturers AUIRF3205 Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRF3205 Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRF3205 Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRF3205 Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRF3205 Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRF3205 Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRF3205 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AUIRF3205
2
www.irf.com
S
D
G
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ Starting TJ = 25°C, L = 138μH,
RG = 25, IAS = 62A. (See Figure 12)
ƒ ISD  62A, di/dt  207A/μs, VDD  V(BR)DSS,
TJ 175°C.
„ Pulse width  400μs; duty cycle  2%.
… Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
† This is a typical value at device destruction and represents
operation outside rated limits.
‡ This is a calculated value limited to TJ = 175°C.
ˆ Ris measured at TJ of approximately 90°C.
S
D
G
Static Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
0.057
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
8.0
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
44
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
25
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Qg
Total Gate Charge
–––
–––
146
Qgs
Gate-to-Source Charge
–––
–––
35
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
54
td(on)
Turn-On Delay Time
–––
14
–––
tr
Rise Time
–––
101
–––
td(off)
Turn-Off Delay Time
–––
50
–––
ns
tf
Fall Time
–––
65
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
3247
–––
Coss
Output Capacitance
–––
781
–––
pF
Crss
Reverse Transfer Capacitance
–––
211
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
110
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
390
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
69
104
ns
Qrr
Reverse Recovery Charge
–––
143
215
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
TJ = 25°C, IF = 62A
di/dt = 100A/μs
f
TJ = 25°C, IS = 62A, VGS = 0V f
showing the
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 62A f
VDS = VGS, ID = 250μA
VDS = 55V, VGS = 0V
VDS = 44V, VGS = 0V, TJ = 150°C
MOSFET symbol
VDD = 28V
ID = 62A
RG = 4.5 
Conditions
VGS = 10V, See Fig. 10 f
VGS = 0V
VDS = 25V
ƒ = 1.0MHz, See Fig. 5
Conditions
VDS = 25V, ID = 62A f
ID = 62A
VDS = 44V
VGS = 20V
VGS = -20V
VGS = 10V, See Fig. 6 & 13 f


Similar Part No. - AUIRF3205

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF3205 IRF-AUIRF3205 Datasheet
211Kb / 11P
   HEXFET짰 Power MOSFET
AUIRF3205Z IRF-AUIRF3205Z Datasheet
335Kb / 14P
   HEXFET짰 Power MOSFET
logo
List of Unclassifed Man...
AUIRF3205Z ETC2-AUIRF3205Z Datasheet
335Kb / 14P
   Ultra Low On-Resistance
logo
Infineon Technologies A...
AUIRF3205Z INFINEON-AUIRF3205Z Datasheet
713Kb / 12P
   AUTOMOTIVE GRADE
2015-11-13
logo
International Rectifier
AUIRF3205ZS IRF-AUIRF3205ZS Datasheet
335Kb / 14P
   HEXFET짰 Power MOSFET
More results

Similar Description - AUIRF3205

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com