Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF3805L-7P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AUIRF3805L-7P
Description  Ultra Low On-Resistance
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRF3805L-7P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AUIRF3805L-7P Datasheet HTML 1Page - List of Unclassifed Manufacturers AUIRF3805L-7P Datasheet HTML 2Page - List of Unclassifed Manufacturers AUIRF3805L-7P Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRF3805L-7P Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRF3805L-7P Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRF3805L-7P Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRF3805L-7P Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRF3805L-7P Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRF3805L-7P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AUIRF3805S/L-7P
2
www.irf.com
S
D
G
S
D
G
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ This value determined from sample failure
population starting TJ = 25°C, L=0.043mH,
RG = 25Ω, IAS = 140A,VGS =10V.
ƒ Pulse width ≤ 1.0ms; duty cycle ≤ 2%.
„ Coss eff. is a fixed capacitance that gives the same
charging time as Coss while VDS is rising from 0 to
80% VDSS.
… This is applied to D2Pak, when mounted on 1" square PCB
( FR-4 or G-10 Material ). For recommended footprint and
soldering techniques refer to application note #AN-994.
† Rθ is measured at TJ of approximately 90°C.
‡ Solder mounted on IMS substrate.
ˆ Limited by TJmax starting TJ = 25°C, L=0.043mH,
RG = 25
Ω, IAS = 140A,VGS =10V.Part not recommended for
use above this value.
Static Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage55
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.05
–––
V/°C
RDS(on) SMD
Static Drain-to-Source On-Resistance
–––
2.0
2.6
m
VGS(th)
Gate Threshold Voltage2.0
–––
4.0
V
gfs
Forward Transconductance
110
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
Gate-to-Source Reverse Leakage
–––
–––
-200
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Qg
Total Gate Charge
–––
130
200
Qgs
Gate-to-Source Charge–––
53
–––
Qgd
Gate-to-Drain ("Miller") Charge–––
49
–––
td(on)
Turn-On Delay Time
–––23–––
tr
Rise Time
–––
130
–––
td(off)
Turn-Off Delay Time
–––80–––
tf
Fall Time
–––52–––
LD
Internal Drain Inductance
Between lead,
6mm (0.25in.)
LS
Internal Source Inductance
from package
and center of die contact
Ciss
Input Capacitance
–––
7820
–––
Coss
Output Capacitance
–––
1260
–––
Crss
Reverse Transfer Capacitance
–––
610
–––
Coss
Output Capacitance
–––
4310
–––
Coss
Output Capacitance
–––
980
–––
Coss eff.
Effective Output Capacitance
f
–––
1540
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
4568ns
Qrr
Reverse Recovery Charge
–––
35
53
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VDS = VGS, ID = 250µA
VDS = 55V, VGS = 0V
VDS = 55V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 140A e
TJ = 25°C, IF = 140A, VDD = 28V
di/dt = 100A/µs
e
TJ = 25°C, IS = 140A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 10V
e
MOSFET symbol
VGS = 0V
VDS = 25V
VGS = 0V, VDS = 44V, ƒ = 1.0MHz
Conditions
VGS = 0V, VDS = 0V to 44V
ƒ = 1.0MHz, See Fig. 5
RG = 2.4
ID = 140A
VDS = 25V, ID = 140A
VDD = 28V
ID = 140A
VGS = 20V
VGS = -20V
VDS = 44V
VGS = 10V
e
Conditions
µA
nA
nC
ns
nH
pF
A
–––
–––
–––
–––
–––
–––
–––
–––
240
1000
4.5
7.5


Similar Part No. - AUIRF3805L-7P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF3805L-7P IRF-AUIRF3805L-7P Datasheet
311Kb / 14P
   HEXFET짰 Power MOSFET
logo
Infineon Technologies A...
AUIRF3805L-7P INFINEON-AUIRF3805L-7P Datasheet
748Kb / 12P
   Advanced Process Technology
2017-10-09
More results

Similar Description - AUIRF3805L-7P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com