Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1859B-020 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1859B-020
Description  Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1859B-020 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1859B-020 Datasheet HTML 2Page - Maxim Integrated Products DS1859B-020 Datasheet HTML 3Page - Maxim Integrated Products DS1859B-020 Datasheet HTML 4Page - Maxim Integrated Products DS1859B-020 Datasheet HTML 5Page - Maxim Integrated Products DS1859B-020 Datasheet HTML 6Page - Maxim Integrated Products DS1859B-020 Datasheet HTML 7Page - Maxim Integrated Products DS1859B-020 Datasheet HTML 8Page - Maxim Integrated Products DS1859B-020 Datasheet HTML 9Page - Maxim Integrated Products DS1859B-020 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Dual, Temperature-Controlled Resistors with
Internally Calibrated Monitors
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VCC = 5.0V, TA = +25°C, for both 50k
Ω and 20kΩ versions, unless otherwise noted.)
POSITION FFh RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
80
65
50
35
20
5
-10
-25
51.20
51.40
51.60
51.80
52.00
51.00
-40
95
50k
Ω VERSION
POSITION FFh RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
80
65
50
35
20
5
-10
-25
19.20
19.40
19.50
19.80
20.00
19.00
-40
95
20k
Ω VERSION
TEMPERATURE COEFFICIENT vs. SETTING
SETTING (DEC)
200
150
100
50
100
50
0
-50
150
200
250
300
350
400
-100
0250
50k
Ω VERSION
+25
°C TO +95°C
+25
°C TO -40°C
TEMPERATURE COEFFICIENT vs. SETTING
SETTING (DEC)
200
150
100
50
100
0
200
300
400
500
600
700
800
-100
0250
+25
°C TO +95°C
+25
°C TO -40°C
20k
Ω VERSION
LSB ERROR vs. FULL-SCALE INPUT
NORMALIZED FULL SCALE (%)
75
50
25
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
-8
0100
+3 SIGMA
-3 SIGMA
MEAN
LSB ERROR vs. FULL-SCALE INPUT
NORMALIZED FULL SCALE (%)
9.375
6.250
3.125
-3
-2
-1
0
1
2
3
-4
0
12.500
+3 SIGMA
-3 SIGMA
MEAN
POSITION 00h RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
80
65
50
35
20
5
-10
-25
0.34
0.35
0.36
0.37
0.38
0.33
-40
95
20k
Ω VERSION


Similar Part No. - DS1859B-020

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS185 LUMILEDS-DS185 Datasheet
1Mb / 21P
   Unique LED enabling limitless design freedom
logo
Dallas Semiconductor
DS1851 DALLAS-DS1851 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
logo
Maxim Integrated Produc...
DS1851 MAXIM-DS1851 Datasheet
200Kb / 18P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
19-5733; Rev 1/11
logo
Dallas Semiconductor
DS1851E-010 DALLAS-DS1851E-010 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
DS1851E-010TR DALLAS-DS1851E-010TR Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
More results

Similar Description - DS1859B-020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856 MAXIM-DS1856 Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
DS1856M MAXIM-DS1856M Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1854 MAXIM-DS1854 Datasheet
792Kb / 22P
   Dual Temperature-Controlled Resistors with Two Monitors
Rev 0; 1/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
logo
List of Unclassifed Man...
SFM4100 ETC2-SFM4100 Datasheet
464Kb / 9P
   Calibrated and temperature compensated
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
   Fully Calibrated & Temperature Compensated
logo
List of Unclassifed Man...
SFM3000 ETC2-SFM3000 Datasheet
590Kb / 7P
   Fully calibrated & temperature compensated
logo
Amphenol Corporation
2-SIP AMPHENOL-2-SIP Datasheet
138Kb / 4P
   Fully Calibrated & Temperature Compensated
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com