Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFN8403 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AUIRFN8403
Description  Ultra Low On-Resistance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRFN8403 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AUIRFN8403 Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRFN8403 Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRFN8403 Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRFN8403 Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRFN8403 Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRFN8403 Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRFN8403 Datasheet HTML 9Page - List of Unclassifed Manufacturers AUIRFN8403 Datasheet HTML 10Page - List of Unclassifed Manufacturers AUIRFN8403 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
July 8, 2015
 
AUIRFN8403
Qualification standards can be found at International Rectifier’s web site: http//www.irf.com/
†† Highest passing voltage.
Notes:
Repetitive rating; pulse width limited by max. junction temperature.
Starting TJ = 25°C, L =0.080mH, RG = 50, IAS = 50A.
Pulse width
 400µs; duty cycle 2%.
Ris measured at TJ of approximately 90°C.
When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques
refer to application note #AN-994: http://www.irf.com/technical-info/appnotes/an-994.pdf
Calculated continuous current based on maximum allowable junction temperature.
Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff. (ER) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 to 80% VDSS.
Qualification Information
 
Qualification Level
Automotive
(per AEC-Q101)
Comments: This part number(s) passed Automotive qualification. IR’s
Industrial and Consumer qualification level is granted by extension of the
higher Automotive level.
Moisture Sensitivity Level
PQFN 5mm x 6mm
MSL1
ESD
Machine Model
Class M3 (+/- 400V)††
AEC-Q101-002
Human Body Model
Class H1C (+/- 2000V)††
AEC-Q101-001
Charged Device Model
Class C5 (+/- 2000V)††
AEC-Q101-005
RoHS Compliant
Yes
Revision History
Date
Comments
05/08/2014
 Updated typo on “Description” on page 1.
07/08/2014  
 Updated typo on Gate Charge units from “S” to “nC” on page 2.
 Removed extra GFS from Electrical Table on page 2.
 Corrected VGS(th) min from 2.2V to 2.6V on page 2.
 Updated "IFX logo" on all pages.
07/08/2015


Similar Part No. - AUIRFN8403

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRFN8403 INFINEON-AUIRFN8403 Datasheet
626Kb / 11P
   Advanced Process Technology
September 1, 2015
logo
International Rectifier
AUIRFN8403 IRF-AUIRFN8403 Datasheet
626Kb / 11P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRFN8403TR INFINEON-AUIRFN8403TR Datasheet
626Kb / 11P
   Advanced Process Technology
September 1, 2015
More results

Similar Description - AUIRFN8403

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com