Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFR1018E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AUIRFR1018E
Description  Ultra Low On-Resistance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRFR1018E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AUIRFR1018E Datasheet HTML 1Page - List of Unclassifed Manufacturers AUIRFR1018E Datasheet HTML 2Page - List of Unclassifed Manufacturers AUIRFR1018E Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRFR1018E Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRFR1018E Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRFR1018E Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRFR1018E Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRFR1018E Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRFR1018E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
06/17/11
www.irf.com
1
HEXFET® Power MOSFET
PD - 97685
AUIRFR1018E
S
D
G
VDSS
60V
RDS(on) typ.
7.1m:
max.
8.4m:
ID (Silicon Limited)
79A c
ID (Package Limited)
56A
AUTOMOTIVE GRADE
Description
Specifically designed for Automotive applications, this HEXFET®
Power MOSFET utilizes the latest processing techniques to achieve
extremely low on-resistance per silicon area. Additional features of
this design are a 175°C junction operating temperature, fast switching
speed and improved repetitive avalanche rating . These features
combine to make this design an extremely efficient and reliable
device for use in Automotive applications and a wide variety of other
applications.
Features
Advanced Process Technology
Ultra Low On-Resistance
175°C Operating Temperature
Fast Switching
Repetitive Avalanche Allowed up to Tjmax
Lead-Free, RoHS Compliant
Automotive Qualified *
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only; and
functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability. The thermal resistance and power dissipation ratings are measured under
board mounted and still air conditions. Ambient temperature (TA) is 25°C, unless otherwise specified.
GD
S
Gate
Drain
Source
D-Pak
AUIRFR1018E
G
S
D
HEXFET® is a registered trademark of International Rectifier.
*Qualification standards can be found at http://www.irf.com/
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Wire Bond Limited)
A
IDM
Pulsed Drain Current
d
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy (Thermally limited) e
mJ
IAR
Avalanche Current d
A
EAR
Repetitive Avalanche Energy e
mJ
dv/dt
Peak Diode Recovery
f
V/ns
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
k
–––
1.32
RθJA
Junction-to-Ambient (PCB Mount)
j
–––
50
RθJA
Junction-to-Ambient
–––
110
11
56
c
110
21
-55 to + 175
± 20
0.76
88
47
°C/W
300
Max.
79
c
56
315


Similar Part No. - AUIRFR1018E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFR1018E IRF-AUIRFR1018E Datasheet
239Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
logo
Infineon Technologies A...
AUIRFR1018E INFINEON-AUIRFR1018E Datasheet
625Kb / 10P
   Advanced Process Technology
2015-11-19
logo
International Rectifier
AUIRFR1018ETR IRF-AUIRFR1018ETR Datasheet
239Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRFR1018ETRL IRF-AUIRFR1018ETRL Datasheet
239Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRFR1018ETRR IRF-AUIRFR1018ETRR Datasheet
239Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
More results

Similar Description - AUIRFR1018E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com