Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFR2405 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AUIRFR2405
Description  Low On-Resistance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRFR2405 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AUIRFR2405 Datasheet HTML 1Page - List of Unclassifed Manufacturers AUIRFR2405 Datasheet HTML 2Page - List of Unclassifed Manufacturers AUIRFR2405 Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRFR2405 Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRFR2405 Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRFR2405 Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRFR2405 Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRFR2405 Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRFR2405 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.irf.com
3
AUIRFR2405
†
Qualification standards can be found at International Rectifier’s web site: http//www.irf.com/
†† Exceptions (if any) to AEC-Q101 requirements are noted in the qualification report.
††† Highest passing voltage.
Qualification Information
D-Pak
MSL1
Qualification Level
Automotive
(per AEC-Q101)
††
Comments: This part number(s) passed Automotive qualification.
IR’s Industrial and Consumer qualification level is granted by
extension of the higher Automotive level.
Charged Device
Model
Class C5 (+/- 2000V)
†††
AEC-Q101-005
Moisture Sensitivity Level
RoHS Compliant
Yes
ESD
Machine Model
Class M4 (+/- 500V)
†††
AEC-Q101-002
Human Body Model
Class H1C (+/- 2000V)
†††
AEC-Q101-001


Similar Part No. - AUIRFR2405

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFR2405 IRF-AUIRFR2405 Datasheet
209Kb / 12P
   HEXFET짰 Power MOSFET
logo
Infineon Technologies A...
AUIRFR2405 INFINEON-AUIRFR2405 Datasheet
536Kb / 10P
   Advanced Planar Technology
2015-11-19
logo
International Rectifier
AUIRFR2405TR IRF-AUIRFR2405TR Datasheet
209Kb / 12P
   HEXFET짰 Power MOSFET
AUIRFR2405TRL IRF-AUIRFR2405TRL Datasheet
209Kb / 12P
   HEXFET짰 Power MOSFET
AUIRFR2405TRR IRF-AUIRFR2405TRR Datasheet
209Kb / 12P
   HEXFET짰 Power MOSFET
More results

Similar Description - AUIRFR2405

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com