Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG529CWN Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DG529CWN
Description  8-Channel Latchable Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG529CWN Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DG529CWN Datasheet HTML 4Page - Maxim Integrated Products DG529CWN Datasheet HTML 5Page - Maxim Integrated Products DG529CWN Datasheet HTML 6Page - Maxim Integrated Products DG529CWN Datasheet HTML 7Page - Maxim Integrated Products DG529CWN Datasheet HTML 8Page - Maxim Integrated Products DG529CWN Datasheet HTML 9Page - Maxim Integrated Products DG529CWN Datasheet HTML 10Page - Maxim Integrated Products DG529CWN Datasheet HTML 11Page - Maxim Integrated Products DG529CWN Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
8-Channel Latchable Multiplexers
10
______________________________________________________________________________________
PART
DG529CJ
DG529CWN
DG529CK
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
18 Plastic DIP
18 Wide SO
18 CERDIP
DG529C/D
DG529DJ
-40°C to +85°C
0°C to +70°C
Dice*
18 Plastic DIP
DG529DN
-40°C to +85°C
20 PLCC
DG529EWN
-40°C to +85°C
18 Wide SO
DG529DK
-40°C to +85°C
18 CERDIP
DG529AZ
-55°C to +125°C
20 LCC**
DG529AK
-55°C to +125°C
18 CERDIP**
_Ordering Information (continued)
* Contact factory for dice specifications.
** Contact factory for availability and processing to MIL-STD-883.
_________________Chip Topographies
A1
A2
GND
V+
S5
S6
S7
0.125"
(3.18mm)
0.131"
(3.33mm)
D
S8
A0
RS
WR
EN
V-
S1
S2
S3
S4
A1
GND
V+
S1B
S2B
S3B
S4B
0.125"
(3.18mm)
0.131"
(3.33mm)
DA
DB
A0
RS
WR
EN
V-
S1A
S2A
S3A
S4A
DG528
DG529
TRANSISTOR COUNT: 200
SUBSTRATE CONNECTED TO V+
TRANSISTOR COUNT: 200
SUBSTRATE CONNECTED TO V+


Similar Part No. - DG529CWN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG529CJ INTERSIL-DG529CJ Datasheet
308Kb / 16P
   Analog CMOS Latchable Multiplexers
April 1999
logo
Vishay Siliconix
DG529CJ VISHAY-DG529CJ Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG529CJ VISHAY-DG529CJ Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
logo
Intersil Corporation
DG529CK INTERSIL-DG529CK Datasheet
308Kb / 16P
   Analog CMOS Latchable Multiplexers
April 1999
DG529CY INTERSIL-DG529CY Datasheet
308Kb / 16P
   Analog CMOS Latchable Multiplexers
April 1999
More results

Similar Description - DG529CWN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
logo
Intersil Corporation
DG526 INTERSIL-DG526 Datasheet
308Kb / 16P
   Analog CMOS Latchable Multiplexers
April 1999
logo
Maxim Integrated Produc...
MAX382 MAXIM-MAX382 Datasheet
106Kb / 12P
   Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs
19-0396; Rev. 0; 5/95
logo
Analog Devices
ADG428 AD-ADG428_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG429 AD-ADG429_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com