Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFR2607Z Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AUIRFR2607Z
Description  Ultra Low On-Resistance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRFR2607Z Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AUIRFR2607Z Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRFR2607Z Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRFR2607Z Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRFR2607Z Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRFR2607Z Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRFR2607Z Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRFR2607Z Datasheet HTML 9Page - List of Unclassifed Manufacturers AUIRFR2607Z Datasheet HTML 10Page - List of Unclassifed Manufacturers AUIRFR2607Z Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AUIRFR2607Z
www.irf.com
7
QG
QGS
QGD
VG
Charge
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 14. Threshold Voltage Vs. Temperature
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
100
200
300
400
I D
TOP
3.5A
4.8A
BOTTOM
30A
1K
VCC
DUT
0
L
-75 -50 -25
0
25
50
75 100 125 150 175
TJ , Temperature ( °C )
2.0
2.5
3.0
3.5
4.0
4.5
5.0
ID = 1.0A
ID = 1.0mA
ID = 250µA
ID = 50µA


Similar Part No. - AUIRFR2607Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFR2607Z IRF-AUIRFR2607Z Datasheet
288Kb / 13P
   HEXFET짰 Power MOSFET
logo
Kersemi Electronic Co.,...
AUIRFR2607Z KERSEMI-AUIRFR2607Z Datasheet
3Mb / 11P
   Advanced Process Technology
logo
Infineon Technologies A...
AUIRFR2607Z INFINEON-AUIRFR2607Z Datasheet
677Kb / 11P
   AUTOMOTIVE GRADE
2015-10-12
logo
International Rectifier
AUIRFR2607ZTR IRF-AUIRFR2607ZTR Datasheet
288Kb / 13P
   HEXFET짰 Power MOSFET
logo
Infineon Technologies A...
AUIRFR2607ZTRL INFINEON-AUIRFR2607ZTRL Datasheet
677Kb / 11P
   AUTOMOTIVE GRADE
2015-10-12
More results

Similar Description - AUIRFR2607Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com