Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8768 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV8768
Description  Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8768 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV8768 Datasheet HTML 3Page - ON Semiconductor NCV8768 Datasheet HTML 4Page - ON Semiconductor NCV8768 Datasheet HTML 5Page - ON Semiconductor NCV8768 Datasheet HTML 6Page - ON Semiconductor NCV8768 Datasheet HTML 7Page - ON Semiconductor NCV8768 Datasheet HTML 8Page - ON Semiconductor NCV8768 Datasheet HTML 9Page - ON Semiconductor NCV8768 Datasheet HTML 10Page - ON Semiconductor NCV8768 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NCV8768
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS
Vin = 13.2 V, Cin = 0.1 mF, Cout = 1.0 mF, for typical values TJ = 25°C, for min/max values TJ = −40°C to 150°C; unless otherwise noted.
(Notes 10 and 11)
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
THERMAL SHUTDOWN
Thermal Shutdown Temperature
(Note 13)
TSD
150
175
195
°C
Thermal Shutdown Hysteresis (Note 13)
TSH
25
°C
10.Refer to ABSOLUTE MAXIMUM RATINGS and APPLICATION INFORMATION for Safe Operating Area.
11. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TA [TJ. Low duty
cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
12.Measured when output voltage falls 100 mV below the regulated voltage at Vin = 13.2 V.
13.Values based on design and/or characterization.
14.Recommended for typical trigger time. TWD = tCW + 1/2 * tOW


Similar Part No. - NCV8768

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768CD33ABR2G ONSEMI-NCV8768CD33ABR2G Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768CD50ABR2G ONSEMI-NCV8768CD50ABR2G Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768CPD50ABR2G ONSEMI-NCV8768CPD50ABR2G Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
More results

Similar Description - NCV8768

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8668 ONSEMI-NCV8668 Datasheet
247Kb / 18P
   Very Low I 150 mA LDO Regulator with Window Watchdog, Enable and Reset
October, 2010 ??Rev. 2
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
NCV8769 ONSEMI-NCV8769 Datasheet
239Kb / 14P
   Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
June, 2011 ??Rev. 1
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com