Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8768ABD250R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8768ABD250R2G
Description  Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8768ABD250R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8768ABD250R2G Datasheet HTML 1Page - ON Semiconductor NCV8768ABD250R2G Datasheet HTML 2Page - ON Semiconductor NCV8768ABD250R2G Datasheet HTML 3Page - ON Semiconductor NCV8768ABD250R2G Datasheet HTML 4Page - ON Semiconductor NCV8768ABD250R2G Datasheet HTML 5Page - ON Semiconductor NCV8768ABD250R2G Datasheet HTML 6Page - ON Semiconductor NCV8768ABD250R2G Datasheet HTML 7Page - ON Semiconductor NCV8768ABD250R2G Datasheet HTML 8Page - ON Semiconductor NCV8768ABD250R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCV8768
http://onsemi.com
4
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Min
Max
Unit
Input Voltage (Note 1)
DC
Transient, t < 100 ms
Vin
−0.3
40
45
V
Input Current
Iin
−5
mA
Output Voltage (Note 2)
Vout
−0.3
5.5
V
Output Current
Iout
−3
Current Limited
mA
Enable Input Voltage Range
DC
Transient, t < 100 ms
VEN
−0.3
40
45
V
Enable Input Current Range
IEN
−1
1
mA
Reset Output Voltage (Note 3)
VRO
−0.3
5.5
V
Reset Output Current
IRO
−3
3
mA
Watchdog Input Voltage
VWDI
−0.3
5.5
V
Watchdog Mode 1 Voltage
VWM1
−0.3
5.5
V
Watchdog Mode 1 Current
IWM1
−5
5
mA
Watchdog Mode 2 Voltage
VWM2
−0.3
5.5
V
Watchdog Mode 2 Current
IWM2
−5
5
mA
Junction Temperature
TJ
−40
150
°C
Storage Temperature
TSTG
−55
150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. The Output voltage must not exceed the Input voltage.
3. The Reset Output voltage must not exceed the Output voltage.
ESD CAPABILITY (Note 4)
Rating
Symbol
Min
Max
Unit
ESD Capability, Human Body Model
ESDHBM
−2
2
kV
ESD Capability, Machine Model
ESDMM
−200
200
V
4. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
LEAD SOLDERING TEMPERATURE AND MSL (Note 5)
Rating
Symbol
Min
Max
Unit
Moisture Sensitivity Level
MSL
1
Lead Temperature Soldering
Reflow (SMD Styles Only), Pb−Free Versions (Note 5)
TSLD
265 peak
°C
5. For information, please refer to our Soldering and Mounting Techniques Reference Manual, SOLDERRM/D


Similar Part No. - NCV8768ABD250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768CD33ABR2G ONSEMI-NCV8768CD33ABR2G Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768CD50ABR2G ONSEMI-NCV8768CD50ABR2G Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768CPD50ABR2G ONSEMI-NCV8768CPD50ABR2G Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
More results

Similar Description - NCV8768ABD250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8668 ONSEMI-NCV8668 Datasheet
247Kb / 18P
   Very Low I 150 mA LDO Regulator with Window Watchdog, Enable and Reset
October, 2010 ??Rev. 2
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
NCV8769 ONSEMI-NCV8769 Datasheet
239Kb / 14P
   Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
June, 2011 ??Rev. 1
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com