Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV876950D250R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV876950D250R2G
Description  Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV876950D250R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV876950D250R2G Datasheet HTML 1Page - ON Semiconductor NCV876950D250R2G Datasheet HTML 2Page - ON Semiconductor NCV876950D250R2G Datasheet HTML 3Page - ON Semiconductor NCV876950D250R2G Datasheet HTML 4Page - ON Semiconductor NCV876950D250R2G Datasheet HTML 5Page - ON Semiconductor NCV876950D250R2G Datasheet HTML 6Page - ON Semiconductor NCV876950D250R2G Datasheet HTML 7Page - ON Semiconductor NCV876950D250R2G Datasheet HTML 8Page - ON Semiconductor NCV876950D250R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NCV8769
http://onsemi.com
4
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Min
Max
Unit
Input Voltage DC (Note 1)
Vin
−0.3
40
V
Input Voltage Transient (Note 1)
Vin
45
V
Input Current
Iin
−5
mA
Output Voltage (Note 2)
Vout
−0.3
5.5
V
Output Current
Iout
−3
Current
Limited
mA
DT (Reset Delay Time Select) Voltage
VDT
−0.3
5.5
V
DT (Reset Delay Time Select) Current
IDT
−1
1
mA
Reset Output Voltage
VRO
−0.3
5.5
V
Reset Output Current
IRO
−3
3
mA
Sense Input Voltage DC
VSI
−0.3
40
V
Sense Input Voltage Transient
VSI
45
V
Sense Input Current
ISI
−1
1
mA
Sense Output Voltage
VSO
−0.3
5.5
V
Sense Output Current
ISO
−3
3
mA
Maximum Junction Temperature
TJ(max)
−40
150
°C
Storage Temperature
TSTG
−55
150
°C
ESD Capability, Human Body Model (Note 3)
ESDHBM
−2
2
kV
ESD Capability, Machine Model (Note 3)
ESDMM
−200
200
V
Lead Temperature Soldering
Reflow (SMD Styles Only) (Note 4)
TSLD
265 peak
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
2. 5.5 or (Vin + 0.3 V), whichever is lower
3. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
4. For information, please refer to our Soldering and Mounting Techniques Reference Manual, SOLDERRM/D


Similar Part No. - NCV876950D250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV8768ABD250R2G ONSEMI-NCV8768ABD250R2G Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768CD33ABR2G ONSEMI-NCV8768CD33ABR2G Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8768CD50ABR2G ONSEMI-NCV8768CD50ABR2G Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
More results

Similar Description - NCV876950D250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV866752D250R2G ONSEMI-NCV866752D250R2G Datasheet
233Kb / 20P
   150 mA LDO Regulator with Enable, Reset and Early Warning
May, 2011 ??Rev. 2
NCV8667 ONSEMI-NCV8667 Datasheet
206Kb / 15P
   150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
   Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
NCV8770 ONSEMI-NCV8770 Datasheet
210Kb / 13P
   Ultra Low Iq 350 mA LDO Regulator with Reset
February, 2013 ??Rev. 1
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com