Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8752BSN28T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8752BSN28T1G
Description  200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8752BSN28T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8752BSN28T1G Datasheet HTML 1Page - ON Semiconductor NCV8752BSN28T1G Datasheet HTML 2Page - ON Semiconductor NCV8752BSN28T1G Datasheet HTML 3Page - ON Semiconductor NCV8752BSN28T1G Datasheet HTML 4Page - ON Semiconductor NCV8752BSN28T1G Datasheet HTML 5Page - ON Semiconductor NCV8752BSN28T1G Datasheet HTML 6Page - ON Semiconductor NCV8752BSN28T1G Datasheet HTML 7Page - ON Semiconductor NCV8752BSN28T1G Datasheet HTML 8Page - ON Semiconductor NCV8752BSN28T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
NCV8752
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
−40°C ≤ TJ ≤ 125 °C; VIN = VOUT(NOM) + 0.3 V or 2.0 V, whichever is greater; IOUT = 10 mA, CIN = COUT = 1 mF, unless otherwise noted.
Typical values are at TJ = +25°C (Note 4)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
2.0
5.5
V
Undervoltage lock−out
VIN rising
UVLO
1.2
1.5
1.9
V
Output Voltage Accuracy
VOUT + 0.3 V ≤ VIN ≤ 5.5 V, IOUT = 0 − 200 mA
VOUT
−2
+2
%
Line Regulation
VOUT + 0.3 V ≤ VIN ≤ 5.5 V, IOUT = 10 mA
RegLINE
300
mV/V
Load Regulation
IOUT = 0 mA to 200 mA
RegLOAD
20
mV/mA
Load Transient
IOUT = 1 mA to 200 mA or 200 mA to 1 mA in
1 ms, COUT = 1 ms
TranLOAD
±90
mV
Dropout voltage (Note 5)
IOUT = 200 mA, VOUT(nom) = 2.5 V
VDO
130
200
mV
Output Current Limit
VOUT = 90% VOUT(nom)
ICL
210
400
550
mA
Quiescent current
IOUT = 0 mA
IQ
12
25
mA
Ground current
IOUT = 200 mA
IGND
150
mA
Shutdown current
VEN ≤ 0.4 V, TJ = +25°C
IDIS
0.12
mA
VEN ≤ 0 V, VIN = 5.5 V
0.55
1
mA
EN Pin Threshold Voltage
High Threshold
Low Threshold
VEN Voltage increasing
VEN Voltage decreasing
VEN_HI
VEN_LO
0.9
0.4
V
EN Pin Input Current
VEN = 5.5 V
IEN
100
500
nA
Turn−on Time
COUT = 1.0 mF, IOUT = 0 mA to 200 mA
From VOUT = 10% VOUT(NOM) to 95%
VOUT(NOM)
tON1
80
ms
COUT = 1.0 mF, IOUT = 0 mA to 200 mA
From assertion of the EN to 95% VOUT(NOM)
tON2
200
ms
Power Supply Rejection Ratio
VIN = 3 V, VOUT = 2.5 V
IOUT = 150 mA
f = 100 Hz
f = 1 kHz
f = 10 kHz
PSRR
70
68
53
dB
Output Noise Voltage
VOUT = 2.5 V, VIN = 3 V, IOUT = 200 mA
f = 100 Hz to 100 kHz
VN
11.5
mVrms
Thermal Shutdown Temperature
Temperature increasing from TJ = +25°C
TSD
160
°C
Thermal Shutdown Hysteresis
Temperature falling from TSD
TSDH
20
°C
POWER GOOD OUTPUT
PG Threshold Voltage
VOUT decreasing
VPG−
90
92
94
%VOUT
PG Threshold Voltage
VOUT increasing
VPG+
92
94
96
%VOUT
Hysteresis
Measured on VOUT
2
%VOUT
PG Output Low Voltage
IOUT(PG) = 1 mA
0.1
0.4
V
PG Pin Leakage
VIN = VOUT(NOM) + 0.3 V
0.002
1
mA
PG time−out delay
NCV8752A
NCV8752B
tRD
2
200
ms
PG reaction time
NCV8752A
NCV8752B
tRR
2
5
ms
4. Performance guaranteed over the indicated operating temperature range by design and/or characterization production tested
at TJ = TA = 25°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as
possible.
5. Characterized when VOUT falls 100 mV below the regulated voltage at VIN = VOUT(NOM) + 0.3 V.


Similar Part No. - NCV8752BSN28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8752BSN28T1G ONSEMI-NCV8752BSN28T1G Datasheet
1Mb / 21P
   Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com