Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG403CY Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DG403CY
Description  Improved, Dual, High-Speed Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG403CY Datasheet(HTML) 6 Page - Maxim Integrated Products

  DG403CY Datasheet HTML 1Page - Maxim Integrated Products DG403CY Datasheet HTML 2Page - Maxim Integrated Products DG403CY Datasheet HTML 3Page - Maxim Integrated Products DG403CY Datasheet HTML 4Page - Maxim Integrated Products DG403CY Datasheet HTML 5Page - Maxim Integrated Products DG403CY Datasheet HTML 6Page - Maxim Integrated Products DG403CY Datasheet HTML 7Page - Maxim Integrated Products DG403CY Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Improved, Dual, High-Speed Analog Switches
6
_______________________________________________________________________________________
______________________________________________Timing Diagrams/Test Circuits
50%
tOFF
tr < 20ns
tf < 20ns
VOUT
VOUT
tON
0.9 x VOUT
0.9 x VOUT
+3V
0V
0V
LOGIC
INPUT
SWITCH
OUTPUT
LOGIC INPUT WAVEFORM IS INVERTED FOR
SWITCHES THAT HAVE THE OPPOSITE LOGIC
SENSE CONTROL.
+5V
+15V
VOUT
RL = 1000Ω
CL = 35pF
-15V
REPEAT TEST FOR IN2 AND S2
0V
GND
LOGIC
INPUT
VD = +10V (for tON)
VD = -10V (for tOFF)
FOR LOAD CONDITIONS, SEE Electrical Characteristics.
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VD
RL
RL + rDS(ON)
V+
VL
V-
D
IN
S
(
)
DG401
DG403
DG405
VGEN
GND
CL
10nF
VOUT
0V
-15V
V-
VL
V+
RGEN
VOUT
IN
ON
OFF
ON
∆VOUT
Q = (
∆VOUT) (CL)
+5V
+15V
SD
DG401
DG403
DG405
50%
VOUT1
VOUT2
0.9 x VOUT
+3V
0V
0V
LOGIC
INPUT
SWITCH
OUTPUT 1
SWITCH
OUTPUT 2
+5V
VL
+15V
V+
V-
-15V
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
0V
GND
LOGIC
INPUT
0V
0.9 x VOUT
tD
tD
IN
RL2
CL2
VOUT2
RL1
VOUT1
CL1
RL = 1000Ω
CL = 35pF
D
D
S
S
+10V
+10V
DG401
DG403
DG405
Figure 2. Switching Time
Figure 4. Charge Injection
Figure 3. Break-Before-Make Interval


Similar Part No. - DG403CY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG403 INTERSIL-DG403 Datasheet
93Kb / 9P
   Monolithic CMOS Analog Switches
June 1999
DG403 INTERSIL-DG403 Datasheet
286Kb / 12P
   Monolithic CMOS Analog Switches
logo
TEMIC Semiconductors
DG403 TEMIC-DG403 Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG403 VISHAY-DG403 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG403 VISHAY-DG403 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
More results

Similar Description - DG403CY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG-403-DJ MAXIM-DG-403-DJ Datasheet
95Kb / 8P
   Improved, Dual, High-Speed Analog Switches
Rev 2; 6/99
DG40135 MAXIM-DG40135 Datasheet
33Kb / 5P
   IMPROVED, DUAL, HIGH-SPEED CHANNEL ANALOG SWITCHES
19-0079 Rev. C
MAX301 MAXIM-MAX301_07 Datasheet
412Kb / 8P
   Precision, Dual, High-Speed Analog Switches
Rev 1; 2/07
MAX301 MAXIM-MAX301 Datasheet
93Kb / 8P
   Precision, Dual, High-Speed Analog Switches
Rev 0; 9/93
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
logo
Maxim Integrated Produc...
DG417CJ MAXIM-DG417CJ Datasheet
170Kb / 12P
   Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
logo
Vishay Siliconix
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com