Electronic Components Datasheet Search |
|
DG529DJ Datasheet(PDF) 7 Page - Maxim Integrated Products |
|
DG529DJ Datasheet(HTML) 7 Page - Maxim Integrated Products |
7 / 12 page _______________Detailed Description The internal structures of the DG528/DG529 include translators for the A2/A1/A0/EN/WR/RS digital inputs, latches, and a decode section for channel selection (Truth Tables). The gate structures consist of parallel combinations of N and P MOSFETs. WRITE (WR) and RESET (RS) strobes are provided for interfacing with µP-bus lines (Figure 9), alleviating the need for the µP to provide constant address inputs to the mux to hold a particular channel. When the WR strobe is in the low state (less than 0.8V) and the RS strobe is in the high state (greater than 2.4V), the muxes are in the transparent mode—they act similarly to nonlatching devices, such as the DG508A/ DG509A or the HI508/HI509. When the WR goes high, the previous BCD address input is latched and held in that state indefinitely. To pull the mux out of this state, either WR must be taken low to the transition state, or RS must be taken low to turn off all channels. RS turns off all channels when it is low, which resets channel selection to the channel 1 mode. The DG528/DG529 work with both single and dual sup- plies and function over the +5V to +30V single-supply range. For example, with a single +15V power supply, analog signals in the 0V to +15V range can be switched normally. If negative signals around 0V are expected, a negative supply is needed. However, only -5V is needed to normally switch signals in the -5V to +15V range (-5V, +15V supplies). No current is drawn from the negative supply, so Maxim’s MAX635 DC-DC converter is an ideal choice. The EN latch allows all switches to be turned off under program control. This is useful when two or more DG528s are cascaded to build 16-line and larger ana- log-signal multiplexers. 8-Channel Latchable Multiplexers _______________________________________________________________________________________ 7 Table 1. DG528 Logic States Table 2. DG529 Logic States A2 A1 A0 EN WR RS ON SWITCH Latching X X X X 1 Maintains previous switch condition Reset X X X X X 0 None (latches cleared) Transparent Operation X 0 0 0 0 1 1 1 1 X 0 0 1 1 0 0 1 1 X 0 1 0 1 0 1 0 1 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 None 1 2 3 4 5 6 7 8 A1 A0 EN WR RS ON SWITCH X X X 1 Maintains previous switch condition X X X X 0 None (latches cleared) X 0 0 1 1 X 0 1 0 1 0 1 1 1 1 0 0 0 0 0 1 1 1 1 1 None 1 2 3 4 Latching Reset Transparent Operation Note: Logic “1”: VAH ≥ 2.4V, Logic “0”: VAL ≤ 0.8V. |
Similar Part No. - DG529DJ |
|
Similar Description - DG529DJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |