Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVC-8800-TXE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # HVC-8800-TXE
Description  SMPTE 2022-5,6 Video-over-IP PCIe Card
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

HVC-8800-TXE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  HVC-8800-TXE Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
HVC-8800
SMPTE 2022-5,6 Video-over-IP PCIe Card
ƒ SMPTE 2022-6 Video over IP bridge that converts 3G-SDI x3 to 10G Ethernet
ƒ Forward Error Correction (FEC) supported according to SMPTE 2022-5
ƒ Send or receive raw video through PCIe interface to host computer
ƒ Single configurable module allows operating as a transmitter or receiver
ƒ Single slot, half length PCIe x8 card (only x4 used in logical)
ƒ Low operating power consumption ( <15 Watt)
Introduction
HVC-8800 is a single slot, Half-Length PCIe add-on card in terms of performing encapsulation/decapsulation multiple High-Definition 1080p60 video streams over a 10 gigabit Ethernet
network in uncompressed format. HVC-8800 supports the approved SMPTE 2022-6 (High Bit Rate Media Transport over IP Networks) standard for transmitting and receiving video
raw data through IP networks via RTP protocol. The SMPTE 2022-5 (Forward Error Correction for High Bit Rate Real-Time Video/Audio Transport over IP) feature is also supported by
HVC-8800 to improve resilience of bit errors and packet loss during video data transmission. HVC-8800 can be operated either as a transmitter or receiver function, by configuring
the selection jumper onboard. The transmitter mode will take the video raw data from multiple SDI inputs or PCI Express interface and converts the video content into the packet format
defined by SMPTE 2022 before transmitting out through 10 gigabit Ethernet port. The receiver mode will perform very similar process like transmitter mode but in reversed way of
datapath. It is also doable in using HVC-8800 as the standalone board without the need for plugging into a host system for operation. With the easy-to-use software development
kit (SDK), HVC-8800 is an ideal solution for broadcasters or system integrators who need to carry the uncompromised video data through the existing IP infrastructure. The wide
range of target applications that HVC-8800 can serve includes cloud video acquisition, video over IP bridge, real-time video transfer and networked broadcast studio installations.
Specification
Video Input
(Tx Mode)
Video Output
(Rx Mode)
Channels
3
SDI Interfaces
SD-SDI SMPTE 259-C
HD-SDI SMPTE 292
3G-SDI Level A SMPTE 425-A
Video Standards
PAL/NTSC/SMPTE 274/SMPTE 296/
SMPTE 260/SMPTE 2048-2/
SMPTE 428-9/SMPTE 428-19/
SMPTE 372
Resolution
Up to 1920 x 1080p (Full HD 1080p)
Max. Frame Rate
Up to 60 fps per channel
Connectors
SMA
File-based I/O
PCIe Gen2 x4
(Physical link is PCIe Gen2 x8, reserved for future upgrade)
10G Ethernet
Interfaces
Function Standards
SMPTE 2022-5/6
Forward Error
Correction
Level A and Level B FEC
(steam basis)
Connectors
SFP+ Module
Giga Ethernet
Interfaces
10/100/1000 Mbps LAN port; RJ-45 connector
(This interface is reserved for future upgrade)
Latency
60 ms (3G-SDI, 1080/60p)
Internet Protocol
Support IPV4 static IP setting
Power
Consumption
Under 15 Watt
Ordering Information
Part Number
Description
HVC-8800-TXE
SMPTE-2022 Encapsulation PCIe Card
Dimension
Unit: mm
167.65
21.59
Preliminary
All product specifications are subject to change without notice
Last updated : 5-Aug-2015


Similar Part No. - HVC-8800-TXE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HVC-8700 ADVANTECH-HVC-8700_15 Datasheet
171Kb / 1P
   4Kp60 HEVC Broadcast Video Encoder Card
HVC-8701-BHB0E ADVANTECH-HVC-8701-BHB0E Datasheet
437Kb / 2P
   2ch HDMI/SDI Video Encoder Card with SDK
HVC-8701 ADVANTECH-HVC-8701_15 Datasheet
431Kb / 1P
   4Kp60 HEVC Broadcast Video Encoder Card
More results

Similar Description - HVC-8800-TXE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
VEGA-3000 ADVANTECH-VEGA-3000 Datasheet
372Kb / 1P
   SMPTE 2022-5,6 Video-over-IP PCIe Card
7-Jun-2016
logo
Level One
HVE-6601 LVL1-HVE-6601 Datasheet
1Mb / 4P
   HDMI Video Wall over IP PoE Transmitter / Receiver
logo
ELAN Microelectronics C...
EM7A8620 EMC-EM7A8620 Datasheet
366Kb / 18P
   Voice over IP
logo
XFMRS Inc.
XFVOIP-04 XFMRS-XFVOIP-04_15 Datasheet
60Kb / 1P
   VOICE OVER IP MAGNETICS
logo
PCA ELECTRONICS INC.
EPR1561F1 PCA-EPR1561F1 Datasheet
24Kb / 1P
   Voice Over IP Application
logo
STMicroelectronics
STLC1502 STMICROELECTRONICS-STLC1502 Datasheet
526Kb / 81P
   VOICE OVER IP PROCESSOR
logo
XFMRS Inc.
XFVOIP-04 XFMRS-XFVOIP-04 Datasheet
60Kb / 1P
   VOICE OVER IP MAGNETICS
XFVOIP-04QS XFMRS-XFVOIP-04QS Datasheet
50Kb / 1P
   VOICE OVER IP MAGNETICS
XFVOIP-04 XFMRS-XFVOIP-04 Datasheet
48Kb / 1P
   VOICE OVER IP MAGNETICS
logo
Silicon Laboratories
SI3404 SILABS-SI3404 Datasheet
659Kb / 25P
   Voice over IP telephones
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com