Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC-3325XTM-S1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # MIC-3325XTM-S1E
Description  3U CompactPCI짰 Intel짰 AtomTM Dual Core D525/N455 Processor Blade
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIC-3325XTM-S1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  MIC-3325XTM-S1E Datasheet HTML 1Page - Advantech Co., Ltd. MIC-3325XTM-S1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
MIC-3325
3U CompactPCI® Intel® AtomTM Dual Core
D525/N455 Processor Blade
ƒ Dual Core Intel® AtomTM D525 processor/single core N455 processor
ƒ Intel® I/O Controller Hub 8-Mobile (ICH8M)
ƒ Two GB DDR3 onboard up to 800 MT/s
ƒ Optimized CompactFlash socket on single board computer
ƒ 2.5" SATA-II HDD on XTM second layer
ƒ Two 10/100/1000 Mbps ports, two USB ports, one VGA port on front panel
ƒ Two COM ports, one USB ports, one PS/2 port on 8HP second layer
ƒ Support 5V only power input
ƒ PICMG 2.0, R 3.0, PICMG 2.1, R 2.0 compliant
Introduction
Advantech’s MIC-3325 is a 3U CompactPCI dual/single core processor blade based on the Intel® Atom™ processor D525/N455+ICH8M two-chip platform. It provides the high
performance of 2 cores and 4 threads of processing power at lower cost, and with easier validation. The MIC-3325 fully utilizes the I/O features of the Intel® chipsets, including an
integrated memory controller (IMC), integrated graphics processing unit (GPU) and integrated I/O (IIO) such as DMI. The low power requirements of the Intel® Atom™ processor
makes operation in elevated temperature ranges possible. Breakthrough memory design puts 2GB SDRAM on board, while keeping the speed at DDR3 800MT/s. The on-board CPU
and memory provide less weight and higher shock/vibration resistance than socket devices. With such benefits, the MIC-3325 can be used in mission-critical applications such as
military defense, transportation, traffic control, test and measurement (T&M) as well as critical data acquisition & control applications. MIC-3325 uses the Intel® ICH8M as the PCH,
which provides extensive I/O support. The Integrated Gigabit Ethernet Controller can operate at multiple speeds (10/100/1000 Mb/s) and in either full duplex or half duplex mode. A
flexible 8HP extension module design provides the MIC-3325 with great flexibility and additional I/O connectivity to the customer. For more connectivity details, please contact an
Advantech representative.
Specifications
Processor System
CPU
Intel Atom N455 Single Core 1.66 GHz
Intel Atom D525 Dual Core 1.8 GHz
Max. Speed
1.8 GHz
Chipset
Intel ICH8M @ Pine View-D Platform
BIOS
SPI 2-MByte BIOS
DMI
100 MHz reference clock
CompactPCI Interface
J1 Connector
32-bit PCI local bus (33MHz)
J2 Connector
RTM area (VIO Power 32bit)
Memory
Technology
DDR3-800 SDRAM
Max. Capacity
2 GB
On board/socket
On board
Graphics
Chipset
Integrated in Intel Atom N455/D525
Resolution
Intel Atom N455 Single Core up to 1400 x 1050 (SXGA)
Intel Atom D525 Dual Core up to 2048 x 1536
Ethernet
Controller
2Xi82583V
Interface
10/100/1000 Mbps
I/O Connector
RJ-45 x 1 (front panel), RJ-45 x 1 (RTM)
Controller
ICH8M (MAC)+82567 (PHY)
Interface
10/100/1000 Mbps
I/O Connector
RJ-45 x 1 (front panel)
Storage
IDE
1 x CompactFlash Socket Type II
SATA
1 x Internal SATA connector only on 8HP version
Front I/O
VGA
DB15 Port
Ethernet
2 x 10/100/1000 Mbps RJ-45 connector
USB 2.0
2 x Type A ports
LEDs
Power, Hot Swap
8HP-option A
2 x DB9 RS-232, 1 x USB Type A port, 1 x PS/2 port
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 13-Jan-2015


Similar Part No. - MIC-3325XTM-S1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3321 ADVANTECH-MIC-3321 Datasheet
141Kb / 2P
   3U CompactPCI Pentium M 2.0G High performance Controller
MIC-3321C ADVANTECH-MIC-3321C Datasheet
141Kb / 2P
   3U CompactPCI Pentium M 2.0G High performance Controller
MIC-3321C-CE ADVANTECH-MIC-3321C-CE Datasheet
187Kb / 1P
   3U CompactPCI짰 Intel Celeron짰 M 1GHz / Pentium짰 M 2 GHz Controller
MIC-3321D-CE ADVANTECH-MIC-3321D-CE Datasheet
187Kb / 1P
   3U CompactPCI짰 Intel Celeron짰 M 1GHz / Pentium짰 M 2 GHz Controller
MIC-3321 ADVANTECH-MIC-3321_15 Datasheet
187Kb / 1P
   3U CompactPCI짰 Intel Celeron짰 M 1GHz / Pentium짰 M 2 GHz Controller
More results

Similar Description - MIC-3325XTM-S1E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMB-110 ETC2-IMB-110 Datasheet
1Mb / 2P
   Intel짰 AtomTM PineView Processor D525/D425/N455
logo
AAEON Technology
AEC-6522 AAEON-AEC-6522 Datasheet
258Kb / 2P
   Intel짰 Atom??N455/D525 Processor
logo
Advantech Co., Ltd.
MIC-3326 ADVANTECH-MIC-3326_14 Datasheet
519Kb / 2P
   3U CompactPCI Intel짰 Atom??N455 Low Power Processor Blade
logo
List of Unclassifed Man...
IB893 ETC2-IB893 Datasheet
516Kb / 1P
   Onboard Intel짰 AtomTM D525 DC Processor 1.8GHz
logo
Advantech Co., Ltd.
MIC-3328 ADVANTECH-MIC-3328_14 Datasheet
546Kb / 2P
   3U CompactPCI PlusIO Intel짰 3rd Generation Core??Processor Blade
SOM-4463-B2 ADVANTECH-SOM-4463-B2_15 Datasheet
898Kb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
SOM-4463B1 ADVANTECH-SOM-4463B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
SOM-4463B2 ADVANTECH-SOM-4463B2_V01 Datasheet
883Kb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
16-Jul-2019
SOM-6763DZ2-S8B1E ADVANTECH-SOM-6763DZ2-S8B1E Datasheet
672Kb / 2P
   Intel짰 Atom??Processor N455/D525 COM Express짰 Compact Module
SOM-6763-B1 ADVANTECH-SOM-6763-B1_15 Datasheet
672Kb / 2P
   Intel짰 Atom??Processor N455/D525 COM Express짰 Compact Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com