Electronic Components Datasheet Search |
|
UBC-221CS-GNA1E Datasheet(PDF) 1 Page - Advantech Co., Ltd. |
|
UBC-221CS-GNA1E Datasheet(HTML) 1 Page - Advantech Co., Ltd. |
1 / 2 page RISC Computing Solutions Features Intel Quark x1000 Single core 400MHz On-board DDR3 800MHz 512MB Support 4 GPIO and 1 UART Support 2x 10/100 Ethernets and 1x MiniPCIe sockets Yocto Linux Supports a flexible mount UBC-221 Intel Quark x1000 2.5" IoT Gateway Introduction UBC-221 is an Advantech IoT gateway powered by Intel Quark x1000 processor which is a sufficient performance and cost efficient solution for IoT application. UBC-221 support multiple connections. Also, the PoE and web-base manangement will be easy for user to installation and maintenace. Specifications Form Factor Box Computing Processor System CPU Intel Quark x1000 400MHz Technology DDR3 800 MHz Capacity On-board DDR3 512 MB Flash 4 MB SPI NOR Flash for Advantech boot loader Ethernet Chipset onboard Speed 2 x 10/100 Mbps (one with optional PoE support) WatchDog Timer 1 ~ 256 level I/O USB 1 USB 2.0 host SDIO 1 4-bit SD Socket Serial Port 1 UART (support 4 wires) CAN - GPIO 2 pins for GPI (with isolation support) 2 pins for GPO LED 1 Power LED 1 LED with programmable ability Button - Expansion Mini PCIe 1 x mini PCIe slot (PCIe and USB signals) SD Socket 1 x SD slot Power Power Supply Voltage +12V Power Type DC-in Power Consumption TBC Environment Operational Temperature 0 ~ 40° C Operating Humidity 5%~95% Relative Humidity, non-condensing Box Computing Dimensions (L x W x H) 108 x 79 x 30 mm Operating System Yocto Linux Certifications CE/FCC Class B Preliminary RoHS COMPLIANT 2002/95/EC All product specifications are subject to change without notice Last updated : 21-May-2015 |
Similar Part No. - UBC-221CS-GNA1E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |